Electronic Components Datasheet Search
  English  ▼

X  

K-MD2 Datasheet(PDF) 2 Page - RFbeam Microwave GmbH

Part # K-MD2
Description  Engineering Sample
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-MD2 Datasheet(HTML) 2 Page - RFbeam Microwave GmbH

  K-MD2 Datasheet HTML 1Page - RFbeam Microwave GmbH K-MD2 Datasheet HTML 2Page - RFbeam Microwave GmbH K-MD2 Datasheet HTML 3Page - RFbeam Microwave GmbH K-MD2 Datasheet HTML 4Page - RFbeam Microwave GmbH K-MD2 Datasheet HTML 5Page - RFbeam Microwave GmbH K-MD2 Datasheet HTML 6Page - RFbeam Microwave GmbH K-MD2 Datasheet HTML 7Page - RFbeam Microwave GmbH K-MD2 Datasheet HTML 8Page - RFbeam Microwave GmbH K-MD2 Datasheet HTML 9Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
©
RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-MD2 Engineering Sample | data sheet
07/2018 – Revision A | Page 2/23
Characteristics
Parameter
Conditions / Notes
Symbol
Min
Typ
Max Unit
Operating conditions
Supply voltage
Vcc
10
12
16
V
Supply current
Icc
600
mA
Connector type
JST S8B-PH-SM4-TB
Operating temperature
Top
-20
+85
° C
Storage temperature
Tst
-20
+105
° C
Transmitter
Transmitter frequency
fTX
23.800
24.800
GHz
Output power
EIRP
PTX
+19
dBm
Output power deviation
fTX = 24.000 .. 24.250 GHz
∆ PTX
±1
dB
Maximum frequency error
Vcc = 12 V, -20 °C .. +85 °C
∆ fError
50
ppm
Phase noise
@ 100 kHz
PN
-90
dBc
Spurious Emissions
According to ETSI 300 440
PSport
-30
dBm
Antenna
TX antenna gain
FTX = 24.125GHz
GAnt
15
dBi
Polarisation
Vertical
Horizontal –3dB beamwidth
E-Plane
Wφ
30
°
Vertical –3dB beamwidth
H-Plane
Wθ
20
°
RX 1,2,3 antenna gain
GAnt
15
dBi
Horizontal –3dB beamwidth
E-Plane
Wφ
30
°
Vertical –3dB beamwidth
H-Plane
Wθ
20
°
Reciever
Receiver sensitivity
PRX
-132
dBm
Overall sensitivity
σ = 1 m², r = 100 m, S/N = 6 dB
S
-151
dBc
Signal Processing
Modulation
FMCW
Range processing
256 point FFT
Velocity processing
256 point FFT
Update rate
50
ms
Output
Serial output
3.3 V Level, 115 200 Bit/s
Ethernet output
RJ-45 Connector
10
1000
MBit/s
Body
Outline dimensions
120 × 72 × 15
mm
Weight
165
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com