Electronic Components Datasheet Search
  English  ▼

X  

AP6330 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AP6330
Description  WiFiBluetooth 4.0(HS)FM Rx Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP6330 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AP6330 Datasheet HTML 9Page - List of Unclassifed Manufacturers AP6330 Datasheet HTML 10Page - List of Unclassifed Manufacturers AP6330 Datasheet HTML 11Page - List of Unclassifed Manufacturers AP6330 Datasheet HTML 12Page - List of Unclassifed Manufacturers AP6330 Datasheet HTML 13Page - List of Unclassifed Manufacturers AP6330 Datasheet HTML 14Page - List of Unclassifed Manufacturers AP6330 Datasheet HTML 15Page - List of Unclassifed Manufacturers AP6330 Datasheet HTML 16Page - List of Unclassifed Manufacturers AP6330 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
AP6330 Datasheet
AMPAK Technology Inc.
www.ampak.com.tw
Proprietary & Confidential Information
Doc. NO:
11
8. Pin Assignments
8.1 Pin Outline
< TOP VIEW >
8.2 Pin Definition
NO
Name
Type
Description
1
GND
-
Ground connections
2
WL_BT_ANT
I/O
RF I/O port
3
GND
-
Ground connections
4
FM_RX
I
FM radio RF input antenna port
5
NC
-
Floating (Don’t connected to ground)
6
BT_WAKE
I
HOST wake-up Bluetooth device
7
BT_HOST_WAKE
O
Bluetooth device to wake-up HOST
8
NC
-
Floating (Don’t connected to ground)
9
VBAT
P
Main power voltage source input
10
XTAL_IN
I
Crystal input
11
XTAL_OUT
O
Crystal output
12
WL_REG_ON
I
Internal regulators power enable/disable
13
WL_HOST_WAKE
O
WLAN to wake-up HOST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com