Electronic Components Datasheet Search
  English  ▼

X  

AP6330 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # AP6330
Description  WiFiBluetooth 4.0(HS)FM Rx Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP6330 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button AP6330 Datasheet HTML 13Page - List of Unclassifed Manufacturers AP6330 Datasheet HTML 14Page - List of Unclassifed Manufacturers AP6330 Datasheet HTML 15Page - List of Unclassifed Manufacturers AP6330 Datasheet HTML 16Page - List of Unclassifed Manufacturers AP6330 Datasheet HTML 17Page - List of Unclassifed Manufacturers AP6330 Datasheet HTML 18Page - List of Unclassifed Manufacturers AP6330 Datasheet HTML 19Page - List of Unclassifed Manufacturers AP6330 Datasheet HTML 20Page - List of Unclassifed Manufacturers AP6330 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
AP6330 Datasheet
AMPAK Technology Inc.
www.ampak.com.tw
Proprietary & Confidential Information
Doc. NO:
15
10. External clock reference
External LPO signal characteristics
Parameter
Specification
Units
Nominal input frequency
32.768
kHz
Frequency accuracy
30
ppm
Duty cycle
30 - 70
%
Input signal amplitude
400 to 1800
mV, p-p
Signal type
Square-wave
-
Input impedance
>100k
<5
pF
Clock jitter (integrated over 300Hz – 15KHz)
<1
Hz
Output high voltage
0.7Vio - Vio
V
External Ref_CLK signal characteristics
10.1 SDIO Pin Description
The module supports SDIO version 2.0 for 4-bit modes (100 Mbps), and high speed 4-bit (50
MHz clocks – 200 Mbps). It has the ability to stop the SDIO clock and map the interrupt
signal into a GPIO pin. This ‘out-of-band’ interrupt signal notifies the host when the WLAN
device wants to turn on the SDIO interface. The ability to force the control of the gated
clocks from within the WLAN chip is also provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com