Electronic Components Datasheet Search
  English  ▼

X  

CS5466 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS5466
Description  Low-cost Power/Energy IC with Pulse Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5466 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS5466 Datasheet HTML 8Page - Cirrus Logic CS5466 Datasheet HTML 9Page - Cirrus Logic CS5466 Datasheet HTML 10Page - Cirrus Logic CS5466 Datasheet HTML 11Page - Cirrus Logic CS5466 Datasheet HTML 12Page - Cirrus Logic CS5466 Datasheet HTML 13Page - Cirrus Logic CS5466 Datasheet HTML 14Page - Cirrus Logic CS5466 Datasheet HTML 15Page - Cirrus Logic CS5466 Datasheet HTML 16Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
CS5466
12
Table 2. Maximum Frequency for E1, E2 and FOUT
5.3.3
Selecting Frequency of FOUT
The pulse output FOUT is designed to assist with meter
calibration. Using the FREQ2:0 pins, FOUT can be set
to frequencies higher than that of E1 and E2. The FOUT
frequency is directly proportional to the E1 and E2 fre-
quencies. Table 2 defines the maximum frequencies for
FOUT and the dependency of FOUT on E1 and E2.
5.3.4
Absolute Max Frequency on E1
and E2
The CS5466 supports input signals on the voltage and
current channel that may not be a sine wave. A typical
situation of achieving the absolute maximum frequency
on E1 and E2 would be if a 250 mV dc signal is applied
to the VIN and IIN input pins. The digital high-pass filter
should be disengaged by selecting HPF = 1.
The absolute maximum pulse rate observed on E1 and
E2, determined by the FREQ2:0 selection is defined be-
low in Table 3.
5.3.5
E1 and E2 Frequency Calculation
The pulse output frequency of E1 and E2 is directly pro-
portional to the average power calculated from the input
signals. To calculate the output frequency on E1 and
E2, use the following transfer function:
Frequency Select
Maximum Frequency for a Sine Wave
(Notes 1, 2 and 3)
FREQ2
FREQ1
FREQ0
E1 or E2
E1+E2
FOUT
0
0
0
0.125 Hz
0.25 Hz
64x(E1+E2)
16 Hz
0
0
1
0.25 Hz
0.5 Hz
32x(E1+E2)
16 Hz
0
1
0
0.5Hz
1.0 Hz
16x(E1+E2)
16 Hz
0
1
1
1.0 Hz
2.0 Hz
2048x(E1+E2)
4,096 Hz
1
0
0
0.125 Hz
0.25 Hz
128x(E1+E2)
32 Hz
1
0
1
0.25 Hz
0.5 Hz
64x(E1+E2)
32 Hz
1
1
0
0.5 Hz
1.0 Hz
32x(E1+E2)
32 Hz
1
1
1
1.0 Hz
2.0 Hz
16x(E1+E2)
32 Hz
Notes:
1
A pure sinusoidal input with zero phase shift is applied to the voltage and current channel.
2
MCLK = 4.096 MHz
3
See Figure 1 on page 8 for E1 and E2 timing diagram.
Frequency Select
Absolute Max Frequency
FREQ2 FREQ1 FREQ0
E1 or E2
E1+E2
x
0
0
0.25 Hz
0.5 Hz
x
0
1
0.5 Hz
1.0 Hz
Table 3. Absolute Max Frequency on E1 and E2
x
1
0
1.0 Hz
2.0 Hz
x
1
1
2.0 Hz
4.0 Hz
Frequency Select
Absolute Max Frequency
FREQ2 FREQ1 FREQ0
E1 or E2
E1+E2
Table 3. Absolute Max Frequency on E1 and E2
FREQE1,E2 = Actual frequency of E1 and E2 pulses [Hz]
VIN = rms voltage across VIN+ and VIN- [V]
IIN = r ms voltage across IIN+ and IIN- [V]
IGAIN = Current channel gain selection (10, 50, 100, 150)
FREQmax = Absolute Max Frequency for E1 and E2 [Hz]
VREFIN = Voltage at VREFIN pin [V]
FREQE1,E2
VIN * 10 * IIN * IGAIN * FREQmax
VREFIN
2
-------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com