Electronic Components Datasheet Search
  English  ▼

X  

CS5466 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS5466
Description  Low-cost Power/Energy IC with Pulse Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5466 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS5466 Datasheet HTML 8Page - Cirrus Logic CS5466 Datasheet HTML 9Page - Cirrus Logic CS5466 Datasheet HTML 10Page - Cirrus Logic CS5466 Datasheet HTML 11Page - Cirrus Logic CS5466 Datasheet HTML 12Page - Cirrus Logic CS5466 Datasheet HTML 13Page - Cirrus Logic CS5466 Datasheet HTML 14Page - Cirrus Logic CS5466 Datasheet HTML 15Page - Cirrus Logic CS5466 Datasheet HTML 16Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
CS5466
14
EDIR / P4
VD+
FOUT
XOUT
XIN
CPUCLK
DGND
VA-
VREFOUT
VREFIN
IIN+
IIN-
VIN-
VIN+
AGND
3
15
14
9
10
16
12
11
13
8
2
24
1
18
21
22
120 VAC
10
Ω
500
Ω
500
Ω
470 nF
+ 470 µF0.1 µF
0.1
µF
R
SHUNT
0.1
µF
R
1
NL
AGND
VA+
E2
E1
R
I+
R
I-
R
V-
C
Idiff
C
Vdiff
C
V-
C
V+
C
I+
C
I-
FREQ2
17
FREQ1
20
FREQ0
23
IGAIN1
7
IGAIN0
5
NEG
6
IHPF
8
Stepper
Motor
5466
Config.
Settings
4.096 MHz
10 k
Ω
1
µF
RESET
Calibration
Resistor
Note:
Indicates common (floating) return.
+
R
2
Figure 4. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com