Electronic Components Datasheet Search
  English  ▼

X  

TLV75801PDBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV75801PDBVT
Description  500-mA, high-accuracy, adjustable LDO in a small size package
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV75801PDBVT Datasheet(HTML) 4 Page - Texas Instruments

  TLV75801PDBVT Datasheet HTML 1Page - Texas Instruments TLV75801PDBVT Datasheet HTML 2Page - Texas Instruments TLV75801PDBVT Datasheet HTML 3Page - Texas Instruments TLV75801PDBVT Datasheet HTML 4Page - Texas Instruments TLV75801PDBVT Datasheet HTML 5Page - Texas Instruments TLV75801PDBVT Datasheet HTML 6Page - Texas Instruments TLV75801PDBVT Datasheet HTML 7Page - Texas Instruments TLV75801PDBVT Datasheet HTML 8Page - Texas Instruments TLV75801PDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
TLV758P
SBVS351C – APRIL 2018 – REVISED MARCH 2019
www.ti.com
Product Folder Links: TLV758P
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Theseare stress ratings
only, which do not imply functional operation of the device at these or anyother conditions beyond those indicated under Recommended
OperatingConditions. Exposure to absolute-maximum-rated conditions for extended periods mayaffect device reliability.
(2)
The absolute maximum rating is VIN + 0.3V or 6.5 V, whichever is smaller.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage
Supply, VIN
–0.3
6.5
V
Enable, VEN
–0.3
6.5
Feedback, VFB
–0.3
2
Output, VOUT
–0.3
VIN + 0.3
(2)
Temperature
Operating junction, TJ
–40
150
°C
Storage, Tstg
–65
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safemanufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM ispossible with the necessary precautions.
(2)
JEDEC document JEP157 states that 250-V CDM allows safemanufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM ispossible with the necessary precautions.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
Minimum derated capacitance of 0.47 µF is required for stability
(2)
If VEN > VIN, when VEN > VUVLO rising (min), the input pin (IN) must sink 1 mA of current to avoid the device being turn on with floating
input pin.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage
1.5
6.0
V
VOUT
Output voltage
0.55
5.5
V
IOUT
Output current
0
500
mA
CIN
Input capacitor
1
µF
COUT
Output capacitor(1)
1
220
µF
VEN
Enable voltage(2)
0
6.0
V
fEN
Enable toggle frequency
10
kHz
TJ
Junction temperature
–40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com