Electronic Components Datasheet Search
  English  ▼

X  

TLV75801PDBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV75801PDBVT
Description  500-mA, high-accuracy, adjustable LDO in a small size package
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV75801PDBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV75801PDBVT Datasheet HTML 9Page - Texas Instruments TLV75801PDBVT Datasheet HTML 10Page - Texas Instruments TLV75801PDBVT Datasheet HTML 11Page - Texas Instruments TLV75801PDBVT Datasheet HTML 12Page - Texas Instruments TLV75801PDBVT Datasheet HTML 13Page - Texas Instruments TLV75801PDBVT Datasheet HTML 14Page - Texas Instruments TLV75801PDBVT Datasheet HTML 15Page - Texas Instruments TLV75801PDBVT Datasheet HTML 16Page - Texas Instruments TLV75801PDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
+
–
Band Gap
Thermal
Shutdown
UVLO
Logic
Current
Limit
95
IN
EN
GND
OUT
FB
13
TLV758P
www.ti.com
SBVS351C – APRIL 2018 – REVISED MARCH 2019
Product Folder Links: TLV758P
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TLV758P low-dropout regulators (LDO) consumes low quiescent current and delivers excellent line and load
transient performance. These characteristics, combined with low noise and good PSRR with low dropout voltage,
make this device ideal for portable consumer applications.
This regulator offers foldback current limit, shutdown, and thermal protection. The operating junction temperature
for this device is –40°C to +125°C.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Undervoltage Lockout (UVLO)
The TLV758P uses an undervoltage lockout (UVLO) circuit that disables the output until the input voltage is
greater than the rising UVLO voltage (VUVLO). This circuit ensures that the device does not exhibit any
unpredictable behavior when the supply voltage is lower than the operational range of the internal circuitry. When
VIN is less than VUVLO, the output is connected to ground with a pulldown resistor (RPULLDOWN).
7.3.2 Shutdown
The enable pin (EN) is active high. Enable the device by forcing the EN pin to exceed VEN(HI). Turn off the device
by forcing the EN pin to drop below VEN(LO). If shutdown capability is not required, connect EN to IN.
The TLV758P has an internal pulldown MOSFET that connects an RPULLDOWN resistor to ground when the device
is disabled. The discharge time after disabling depends on the output capacitance (COUT) and the load resistance
(RL) in parallel with the pulldown resistor (RPULLDOWN). Equation 1 calculates the time constant:
τ = ( RPULLDOWN × RL) / (RPULLDOWN + RL)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com