Electronic Components Datasheet Search
  English  ▼

X  

FS326E Datasheet(PDF) 6 Page - Fortune Semiconductor Corp.

Part # FS326E
Description  One Cell Lithium-ion/Polymer Battery Protection IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS326E Datasheet(HTML) 6 Page - Fortune Semiconductor Corp.

Back Button FS326E Datasheet HTML 2Page - Fortune Semiconductor Corp. FS326E Datasheet HTML 3Page - Fortune Semiconductor Corp. FS326E Datasheet HTML 4Page - Fortune Semiconductor Corp. FS326E Datasheet HTML 5Page - Fortune Semiconductor Corp. FS326E Datasheet HTML 6Page - Fortune Semiconductor Corp. FS326E Datasheet HTML 7Page - Fortune Semiconductor Corp. FS326E Datasheet HTML 8Page - Fortune Semiconductor Corp. FS326E Datasheet HTML 9Page - Fortune Semiconductor Corp. FS326E Datasheet HTML 10Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
9.
Absolute Maximum Ratings
(GND=0V, Ta=25°C unless otherwise specified)
Item
Symbol
Rating
Unit
Input voltage between VCC and GND *
VCC
GND-0.3 to GND+10
V
OC output pin voltage
VOC
VCC -24 to VCC +0.3
V
OD output pin voltage
VOD
GND-0.3 to VCC +0.3
V
CS input pin voltage
VCS
VCC -24 to VCC +0.3
V
Operating Temperature Range
TOP
-40 to +85
°
C
Storage Temperature Range
TST
-40 to +125
°
C
Note: FS326E+G contains a circuit that will protect it from static discharge; but please take special
care that no excessive static electricity or voltage which exceeds the limit of the protection
circuit will be applied to it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com