Electronic Components Datasheet Search
  English  ▼

X  

FS326E Datasheet(PDF) 9 Page - Fortune Semiconductor Corp.

Part # FS326E
Description  One Cell Lithium-ion/Polymer Battery Protection IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS326E Datasheet(HTML) 9 Page - Fortune Semiconductor Corp.

Back Button FS326E Datasheet HTML 5Page - Fortune Semiconductor Corp. FS326E Datasheet HTML 6Page - Fortune Semiconductor Corp. FS326E Datasheet HTML 7Page - Fortune Semiconductor Corp. FS326E Datasheet HTML 8Page - Fortune Semiconductor Corp. FS326E Datasheet HTML 9Page - Fortune Semiconductor Corp. FS326E Datasheet HTML 10Page - Fortune Semiconductor Corp. FS326E Datasheet HTML 11Page - Fortune Semiconductor Corp. FS326E Datasheet HTML 12Page - Fortune Semiconductor Corp. FS326E Datasheet HTML 13Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
12. Design Guide
Selection of External Control MOSFET
Because the overcurrent protection voltage is preset,
the threshold current for overcurrent detection is
determined by the turn-on resistance of the charge
and discharge control MOSFETs. The turn-on
resistance of the external control MOSFETs can be
determined by the equation: RON=VOIP/ (2 x IT) (IT
is the overcurrent threshold current). For example, if
the overcurrent threshold current IT is designed to
be 3A, the turn-on resistance of the external control
MOSFET must be 25mΩ.
Be aware that turn-on
resistance of the MOSFET changes with
temperature variation due to heat dissipation. It
changes with the voltage between gate and source
as well. (Turn-on resistance of MOSFET increases
as the voltage between gate and source decreases).
As the turn-on resistance of the external MOSFET
changes, the design of the overcurrent threshold
current changes accordingly.
Suppressing the Ripple and Disturbance
from Charger
To suppress the ripple and disturbance from charger,
connecting R1 and C1 to VCC is recommended.
Protection the CS pin
R2 is used for latch-up protection when charger is
connected under overdischarge condition and
overstress protection at reverse connecting of a
charger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com