Electronic Components Datasheet Search
  English  ▼

X  

TMP117MAIDRVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMP117MAIDRVT
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP117MAIDRVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP117MAIDRVT Datasheet HTML 4Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 5Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 6Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 7Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 8Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 9Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 10Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 11Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
Temperature Error ((mqC)
0
5
10
15
20
25
-70 -60 -50 -40 -30 -20 -10 0
10 20 30 40 50 60 70
temp
Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
0
1
2
3
4
5
6
7
8
9
10
TMP1
Curr
V+ = 1.8 V
V+ = 3.3 V
V+ = 5.5 V
Data Distribution (LSB)
0
10
20
30
40
50
60
70
-4
-3
-2
-1
0
1
2
3
4
Data
Data
Data
Data
V+ = 1.8 V, St. Dev = 0.89
V+ = 3.3 V, St. Dev = 1.01
V+ = 5.5 V, St. Dev = 1.05
Data Distribution (LSB)
0
10
20
30
40
50
60
70
-4
-3
-2
-1
0
1
2
3
4
Data
T = -50 qC, St. Dev = 0.88
T = 25 qC, St. Dev = 0.92
T = 100 qC, St. Dev = 1.06
Supply Voltage (V)
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
-70
-50
-30
-10
10
30
50
70
TMP1
Temp
TA = -40 qC
TA = 25 qC
TA = 125 qC
Temperature (qC)
-55
-30
-5
20
45
70
95
120
145
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
Accu
Average
Average r3V
TMP117 Min/Max
8
TMP117
SNOSD82A – JUNE 2018 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: TMP117
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
6.8 Typical Characteristics
at TA = 25°C, V+ = 3.3 V, and measurement taken in oil bath (unless otherwise noted)
1-Hz conversion cycle, 8 averages mode
Figure 2. Temperature Error vs Temperature
Figure 3. Temperature Error vs Supply Voltage
Figure 4. Data Reading Distribution Over Supply Voltage
(No Averaging)
Figure 5. Data Reading Distribution Over Temperature
(No Averaging, V+ = 3.3 V)
TA = 25 °C. V+ = 3.3 V. One-shot mode with averaging = 8.
Figure 6. Typical Temperature Distribution Error
Serial bus inactive
Figure 7. Quiescent Current in Shutdown Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com