Electronic Components Datasheet Search
  English  ▼

X  

FD169Y Datasheet(PDF) 4 Page - Feeling Technology Corp.

Part # FD169Y
Description  Single Digital Output Hall Effect Latch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD169Y Datasheet(HTML) 4 Page - Feeling Technology Corp.

  FD169Y Datasheet HTML 1Page - Feeling Technology Corp. FD169Y Datasheet HTML 2Page - Feeling Technology Corp. FD169Y Datasheet HTML 3Page - Feeling Technology Corp. FD169Y Datasheet HTML 4Page - Feeling Technology Corp. FD169Y Datasheet HTML 5Page - Feeling Technology Corp. FD169Y Datasheet HTML 6Page - Feeling Technology Corp. FD169Y Datasheet HTML 7Page - Feeling Technology Corp. FD169Y Datasheet HTML 8Page - Feeling Technology Corp. FD169Y Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
FD169Y
FD169H
Rev1.2 May. 20, 2009’
P.4 / FD169Y_FD169H
FEELING
TECHNOLOGY
Recommended Operating Conditions
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Supply Voltage
VDD
-
2.4
16.0
V
Operating Temperature Range
TA
-
-40
125
℃
Electrical Characteristics VDD=12.0V, TA=25℃
℃
℃
℃
(unless otherwise specified)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Average Supply Current(no load)
IDD
3.0
mA
Output Saturation Voltage
VSAT
Iout= 50mA
0.5
0.8
V
Output Leakage Current
ILK
Vout=12V
20
µA
On Resistance(R_NMOS)
RDS(ON)
Iout= 50mA
10
Magnetic Characteristics
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Operate Points ( BOP )
BOP
20
G
Release Points ( BRP )
BRP
-20
G
Hysteresis
BHYS
40
G
Hysteresis Characteristics
B (Magnetic)
Bop
Magnetic Flux Density in Gauss
Vout
0
Brp
Vsat
NO Pin
Bop
Brp



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com