Electronic Components Datasheet Search
  English  ▼

X  

FD169Y Datasheet(PDF) 2 Page - Feeling Technology Corp.

Part # FD169Y
Description  Single Digital Output Hall Effect Latch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD169Y Datasheet(HTML) 2 Page - Feeling Technology Corp.

  FD169Y Datasheet HTML 1Page - Feeling Technology Corp. FD169Y Datasheet HTML 2Page - Feeling Technology Corp. FD169Y Datasheet HTML 3Page - Feeling Technology Corp. FD169Y Datasheet HTML 4Page - Feeling Technology Corp. FD169Y Datasheet HTML 5Page - Feeling Technology Corp. FD169Y Datasheet HTML 6Page - Feeling Technology Corp. FD169Y Datasheet HTML 7Page - Feeling Technology Corp. FD169Y Datasheet HTML 8Page - Feeling Technology Corp. FD169Y Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
FD169Y
FD169H
Rev1.2 May. 20, 2009’
P.2 / FD169Y_FD169H
FEELING
TECHNOLOGY
Pin Connection
Figure.2
Pin Descriptions
Name
I/O
FD169Y
FD169H
Description
VDD
P
1
1
Positive power supply
VSS
G
3
2
Ground
NO
O
2
3
Driver output
Legend: I=input, O=output, I/O=input/output, P=power supply, G=ground
Functional Descriptions
Refer to the block diagram (Figure.1), FD169Y/FD169H is composed of the following building blocks:
Bias Generator
The bias generator provides precise, temperature- and process-insensitive bias references for the analog blocks.
These references guarantee proper operation of the chip under all conditions specified in this specification.
Oscillator
Built-in oscillator provides the clock signal.
Power on Reset
Used to detect the power-up ramp and reset the digital circuits to attain correct operation as soon as the power is
ready.
Chopper Amplifier
To achieve a higher magnetic sensitivity the chopper amplifier structure is adopted in this design. Use of this
structure dynamically removes both the offset and flicker noise at the same time.
Digital control logics
To generate an output switching signal from the chopper amplifier.
NO
VSS
VDD
1
2
3
Top
View
3
1
2
Mark
Side
FD169Y
FD169H



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com