Electronic Components Datasheet Search
  English  ▼

X  

FD0255b Datasheet(PDF) 5 Page - Feeling Technology Corp.

Part # FD0255b
Description  Smart motor driver with embedded Hall sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD0255b Datasheet(HTML) 5 Page - Feeling Technology Corp.

  FD0255b Datasheet HTML 1Page - Feeling Technology Corp. FD0255b Datasheet HTML 2Page - Feeling Technology Corp. FD0255b Datasheet HTML 3Page - Feeling Technology Corp. FD0255b Datasheet HTML 4Page - Feeling Technology Corp. FD0255b Datasheet HTML 5Page - Feeling Technology Corp. FD0255b Datasheet HTML 6Page - Feeling Technology Corp. FD0255b Datasheet HTML 7Page - Feeling Technology Corp. FD0255b Datasheet HTML 8Page - Feeling Technology Corp. FD0255b Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
FD0251b
FD0255b
Rev1.9 Dec. 18, 2008
P.5
FEELING
TECHNOLOGY
Recommended Operating Conditions
Parameter
Conditions
Values
Unit
min.
typ.
max.
Supply Voltage
-
1.8
5.5
V
Ambient Temperature
-
-10
90
℃
Electrical Characteristics VDD=5.0V, TA=25℃
℃
℃
℃
(unless otherwise specified)
Parameter
Conditions
Values
Unit
min.
typ.
max.
Average Supply Current(no load)
1.8
mA
Output Saturation Voltage(FG)
Iout= 10mA
0.5
V
Output leakage current(FG)
Vout=5V
1
µA
On resistance(Rpmos+Rnmos)
0.8
Thermal Shutdown Threshold
165
℃
Magnetic Characteristics
Parameter
Conditions
Values
Unit
min.
typ.
max.
Operate Points ( BOP )
25
G
Release Points ( BRP )
-25
G
Hysteresis
50
G
Hysteresis Characteristics
Figure.7
NO
SO
V
Brp
Bop
B
Brp
Bop
V
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com