Electronic Components Datasheet Search
  English  ▼

X  

FD0255b Datasheet(PDF) 10 Page - Feeling Technology Corp.

Part # FD0255b
Description  Smart motor driver with embedded Hall sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD0255b Datasheet(HTML) 10 Page - Feeling Technology Corp.

Back Button FD0255b Datasheet HTML 5Page - Feeling Technology Corp. FD0255b Datasheet HTML 6Page - Feeling Technology Corp. FD0255b Datasheet HTML 7Page - Feeling Technology Corp. FD0255b Datasheet HTML 8Page - Feeling Technology Corp. FD0255b Datasheet HTML 9Page - Feeling Technology Corp. FD0255b Datasheet HTML 10Page - Feeling Technology Corp. FD0255b Datasheet HTML 11Page - Feeling Technology Corp. FD0255b Datasheet HTML 12Page - Feeling Technology Corp. FD0255b Datasheet HTML 13Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
FD0251b
FD0255b
Rev1.9 Dec. 18, 2008
P.10
FEELING
TECHNOLOGY
PACKAGE DIMENSION (Unit:mm)
T825
Symbols
Dimension In Millimeters
Min
Nom
Max
A
1.05
1.20
1.35
A1
0.05
0.10
0.15
A2
1.00
1.10
1.20
b
0.25
-
0.50
c
0.08
-
0.20
D
2.80
2.90
3.10
E
2.90
3.10
3.30
E1
1.50
1.60
1.70
e
0.95BSC
e1
1.90BSC
L
0.50
0.65
0.80
L1
0.80BSC
L2
0.25BSC
Θ
0˚
5˚
10˚
Θ1
3˚
5˚
7˚
Θ2
6˚
8˚
10˚
Sensor location
0.86mm
1.02mm
Top view: marking side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com