Electronic Components Datasheet Search
  English  ▼

X  

TM1650 Datasheet(PDF) 1 Page - Shenzhen Putianhe Technology Co., Ltd

Part # TM1650
Description  Driver Control / Keyboard Scanned Special integrated circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTH [Shenzhen Putianhe Technology Co., Ltd]
Direct Link  http://www.szpth.com/
Logo PTH - Shenzhen Putianhe Technology Co., Ltd

TM1650 Datasheet(HTML) 1 Page - Shenzhen Putianhe Technology Co., Ltd

  TM1650 Datasheet HTML 1Page - Shenzhen Putianhe Technology Co., Ltd TM1650 Datasheet HTML 2Page - Shenzhen Putianhe Technology Co., Ltd TM1650 Datasheet HTML 3Page - Shenzhen Putianhe Technology Co., Ltd TM1650 Datasheet HTML 4Page - Shenzhen Putianhe Technology Co., Ltd TM1650 Datasheet HTML 5Page - Shenzhen Putianhe Technology Co., Ltd TM1650 Datasheet HTML 6Page - Shenzhen Putianhe Technology Co., Ltd TM1650 Datasheet HTML 7Page - Shenzhen Putianhe Technology Co., Ltd TM1650 Datasheet HTML 8Page - Shenzhen Putianhe Technology Co., Ltd TM1650 Datasheet HTML 9Page - Shenzhen Putianhe Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LED
LED
LED
LED 驱动控制
驱动控制
驱动控制
驱动控制////键盘扫描专用集成电路
键盘扫描专用集成电路
键盘扫描专用集成电路
键盘扫描专用集成电路 TM1650
TM1650
TM1650
TM1650
www.szpth.com
V1.0
1
特性描述
特性描述
特性描述
特性描述
TM1650 是一种带键盘扫描接口的 LED(发光二极管显示器)驱动控制专用电路。内部集成有 MCU
输入输出控制数字接口、数据锁存器、LED 驱动、键盘扫描、辉度调节等电路。TM1650 性能稳定、质
量可靠、抗干扰能力强,可适用于 24 小时长期连续工作的应用场合。
功能特点
功能特点
功能特点
功能特点
两种显示模式:8段×4位和7段×4位
段驱动电流大于25mA,位驱动电流大于150mA
提供8级亮度控制
键盘扫描:7×4bit内部集成三极管驱动
高速两线式串行接口
内置时钟振荡电路
内置上电复位电路
支持2.8V-5.5V电源电压
提供DIP16及SOP16封装
适用领域:
家用电器产品如机顶盒、空调、DVD/VCD等显示的驱动。
内部结构框图
内部结构框图
内部结构框图
内部结构框图
管脚信息
管脚信息
管脚信息
管脚信息


Similar Part No. - TM1650

ManufacturerPart #DatasheetDescription
logo
Shenzhen Titan Micro El...
TM1650 TITAN-TM1650 Datasheet
539Kb / 10P
LED
More results

Similar Description - TM1650

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7064 NTE-NTE7064 Datasheet
75Kb / 3P
Integrated Circuit Bridge Driver for DC Motor Control
logo
Axiomtek Co., Ltd.
AX7042 AXIOMTEK-AX7042 Datasheet
164Kb / 1P
Integrated keyboard
AX69170 AXIOMTEK-AX69170 Datasheet
139Kb / 1P
Integrated keyboard/touchpad
logo
Shenzhen Titan Micro El...
TM1638 TITAN-TM1638 Datasheet
1Mb / 18P
Special circuit for LED drive control
logo
Shenzhen Putianhe Techn...
TM1721 PTH-TM1721 Datasheet
729Kb / 23P
LCD Driver control special circuit
TM1726 PTH-TM1726 Datasheet
340Kb / 14P
LCD Driver control special circuit
TM1803 PTH-TM1803 Datasheet
596Kb / 11P
Three channel LED drive control special circuit
TM1812 PTH-TM1812 Datasheet
593Kb / 11P
12 - channel LED drive control special circuit
logo
Shenzhen Huazhimei Semi...
HM1650 HMSEMI-HM1650 Datasheet
514Kb / 7P
LED Drive Control/Keyboard Scan Specific Integrated Circuit
logo
Guangdong Youtai Semico...
ET6226M UMW-ET6226M Datasheet
1Mb / 6P
LED driver control/keyboard scanning ASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com