Electronic Components Datasheet Search
  English  ▼

X  

TM1803 Datasheet(PDF) 8 Page - Shenzhen Putianhe Technology Co., Ltd

Part # TM1803
Description  Three channel LED drive control special circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTH [Shenzhen Putianhe Technology Co., Ltd]
Direct Link  http://www.szpth.com/
Logo PTH - Shenzhen Putianhe Technology Co., Ltd

TM1803 Datasheet(HTML) 8 Page - Shenzhen Putianhe Technology Co., Ltd

Back Button TM1803 Datasheet HTML 3Page - Shenzhen Putianhe Technology Co., Ltd TM1803 Datasheet HTML 4Page - Shenzhen Putianhe Technology Co., Ltd TM1803 Datasheet HTML 5Page - Shenzhen Putianhe Technology Co., Ltd TM1803 Datasheet HTML 6Page - Shenzhen Putianhe Technology Co., Ltd TM1803 Datasheet HTML 7Page - Shenzhen Putianhe Technology Co., Ltd TM1803 Datasheet HTML 8Page - Shenzhen Putianhe Technology Co., Ltd TM1803 Datasheet HTML 9Page - Shenzhen Putianhe Technology Co., Ltd TM1803 Datasheet HTML 10Page - Shenzhen Putianhe Technology Co., Ltd TM1803 Datasheet HTML 11Page - Shenzhen Putianhe Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
三通道
三通道
三通道
三通道 LED
LED
LED
LED 驱动控制专用电路
驱动控制专用电路
驱动控制专用电路
驱动控制专用电路
TM1803
TM1803
TM1803
TM1803
www.szpth.com
V1.3
3、使用TM1803扩流(图中无SET脚)
在实际应用中,经常需要驱动大功率或更多的LED灯,为了得到更大的驱动电流,可以按如下方
法进行扩流使用,根据LED灯的功率选择适合的PNP三极管或P沟道MOS管(场效应管
)。
4
3
2
1
VDD
GND
NC
DIN
DO
OUTB
OUTG
OUTR
1
2
3
4
5
6
7
8
TM1803
R*
R*
104
C1
U1
VLED
VLED
VLED
J1
R
VLED
DIN
DO
DW
5.1V
其他两种扩流接法:
104
LED
VLED
级级级级
级级级级
104
R
VLED
GND
级级级级
级级级级
104
G
GND
B
100
100
100
VCC
GND
NC
DIN
DO
OUTB
OUTG
OUTR
1
2
3
4
5
6
7
8
TM1803
VCC
GND
NC
DIN
DO
OUTB
OUTG
OUTR
1
2
3
4
5
6
7
8
TM1803
VCC
GND
NC
DIN
DO
OUTB
OUTG
OUTR
1
2
3
4
5
6
7
8
TM1803
R*
R*
R*
R*
VLED
R
D
VLED
R
D
VLED
R
D
DW
5.1V
DW
5.1V
DW
5.1V
GND
100
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com