Electronic Components Datasheet Search
  English  ▼

X  

LD5805 Datasheet(PDF) 1 Page - Leadtrend Technology

Part # LD5805
Description  Step up, 4 strings, Max. 250mA/string, Multi-dimming mode WLED Backlight Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5805 Datasheet(HTML) 1 Page - Leadtrend Technology

  LD5805 Datasheet HTML 1Page - Leadtrend Technology LD5805 Datasheet HTML 2Page - Leadtrend Technology LD5805 Datasheet HTML 3Page - Leadtrend Technology LD5805 Datasheet HTML 4Page - Leadtrend Technology LD5805 Datasheet HTML 5Page - Leadtrend Technology LD5805 Datasheet HTML 6Page - Leadtrend Technology LD5805 Datasheet HTML 7Page - Leadtrend Technology LD5805 Datasheet HTML 8Page - Leadtrend Technology LD5805 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LD5805
06/15/2015
1
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5805-DS-01 June 2015
Step up, 4 strings, Max. 250mA/string, Multi-dimming mode
WLED Backlight Controller
REV. 01
General Description
The LD5805 is a 4-channel linear current controller which
combines with a boost switching controller
. It’s an ideal
solution for driving high power LED backlights. The
LD5805 can achieve high accuracy of constant current to
4 LED strings with 4 internal MOSFET. For each LED
string, the current is adjustable to drive up to 250mA.
The LD5805 features 4 individual current regulator
channels to give accurate driving current for each LED
string. The current balance rate is
 2.7%. The 10V gate
driver allows the use of standard level MOSFETs. It can
provide a PDIM or ADIM dimming control.
The LD5805 eliminates the audio noise by maintaining
constant LED current regulation during ADIM dimming.
The other features include LED short and open protection,
cycle by cycle current limit, and thermal shutdown.
Features
Input Voltage range: 6V to 36V
Drives up to 4 strings in parallel, up to 250mA per
string
LED current balance rate is
 2.7%
Programmable switching frequency
PWM Input for PDIM or ADIM dimming control
Use PDIM mode: PWM Input frequency Range
100Hz ~ 1kHz
Use ADIM mode: PWM Input frequency Range 1kHz
~ 30kHz
HV gate Voltage of 10V for driver
Multi-chip parallel operation
LED short and open protection
LED pin short to ground protection
Programmable over-voltage protection
Thermal shutdown
Applications
Backlight for GPS, Portable DVD
LED Backlight for LCD Monitor/ TV


Similar Part No. - LD5805

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD5850 LEADTREND-LD5850 Datasheet
398Kb / 11P
Boost Controller for LED Backlight
LD5850GS LEADTREND-LD5850GS Datasheet
398Kb / 11P
Boost Controller for LED Backlight
LD5857 LEADTREND-LD5857 Datasheet
1Mb / 12P
Boost Controller for LED Backlight
LD5857GS LEADTREND-LD5857GS Datasheet
1Mb / 12P
Boost Controller for LED Backlight
LD5861 LEADTREND-LD5861 Datasheet
505Kb / 11P
Boost Controller for LED Backlight
More results

Similar Description - LD5805

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3394S MPS-MP3394S Datasheet
425Kb / 17P
Step-Up, 4-String Max 200mA/String White LED Driver
MP3397 MPS-MP3397 Datasheet
396Kb / 16P
Step-Up, 4-String Max 350mA/String White LED Driver
MP3373 MPS-MP3373 Datasheet
678Kb / 20P
8 Strings, Step Up WLED Controller with External Transistor
MP3387L MPS-MP3387L Datasheet
821Kb / 14P
Step-up, 6 strings, Max.45mA/string, Combined Analog and PWM dimming, White LED Driver
MP3398A MPS-MP3398A Datasheet
1,022Kb / 20P
Step up, 4 strings, Max. 350mA/string Analog and PWM dimming, White LED Controller
MP3398D MPS-MP3398D Datasheet
879Kb / 19P
4-String, Max 350mA/String, Step-Up, White LED Controller with Analog and PWM Dimming
MP3398E MPS-MP3398E Datasheet
1,004Kb / 17P
4-String, Max 400mA/String, 80V Return, Step-Up, WLED Controller
EV3373-M-00A MPS-EV3373-M-00A Datasheet
613Kb / 7P
8 Strings, Step Up WLED Controller with External Transistor
EV3378-S-00A MPS-EV3378-S-00A Datasheet
356Kb / 8P
4 Strings, Step Up WLED Controller Plus High Efficiency Step down Converter
MP3383 MPS-MP3383 Datasheet
970Kb / 23P
4-String, Max 400mA/String, Max 80V VOUT, Step-Up WLED Controller
Rev. 1.0 5/2/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com