Electronic Components Datasheet Search
  English  ▼

X  

LD5805 Datasheet(PDF) 10 Page - Leadtrend Technology

Part # LD5805
Description  Step up, 4 strings, Max. 250mA/string, Multi-dimming mode WLED Backlight Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5805 Datasheet(HTML) 10 Page - Leadtrend Technology

Back Button LD5805 Datasheet HTML 6Page - Leadtrend Technology LD5805 Datasheet HTML 7Page - Leadtrend Technology LD5805 Datasheet HTML 8Page - Leadtrend Technology LD5805 Datasheet HTML 9Page - Leadtrend Technology LD5805 Datasheet HTML 10Page - Leadtrend Technology LD5805 Datasheet HTML 11Page - Leadtrend Technology LD5805 Datasheet HTML 12Page - Leadtrend Technology LD5805 Datasheet HTML 13Page - Leadtrend Technology LD5805 Datasheet HTML 14Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LD5805
06/15/2015
10
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5805-DS-01 June 2015
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
EN and PWM Dimming
EN Logic
Enable
VEN_H
2.2
V
Disable
VEN_L
0.8
V
PWM Logic
Enable
VPWM_H
2.2
V
Disable
VPWM_L
0.8
V
EN Pull Down Resistance
*
REN
100
300
k
LPF
LPF Output Resistance
*
RLPF
35
65
k
Protection
LED Open String Protection Threshold
OVP1
VOVP1
1.88
2
2.12
V
Shutdown Under Abnormal condition
OVP2
VOVP2
2.36
2.6
2.84
V
LED Short Circuit Protection Threshold LED1~LED4
VLSCP
8.0
8.8
9.5
V
Boost Output Protection - Short circuit
SCP
VSCP
0.1
0.2
V
Boost Output Protection - Short circuit
Hysteresis
VSCPY
50
100
mV
Thermal Shutdown threshold
*
150
C
Thermal Shutdown hysteresis
*
20
C
MOSFET Over-Current Protection
Current Sense Threshold
VOCP
0.45
0.55
0.65
V
Over load protection voltage
VOLP
1
V
*: Guaranteed by Design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com