Electronic Components Datasheet Search
  English  ▼

X  

LD5861GS Datasheet(PDF) 6 Page - Leadtrend Technology

Part # LD5861GS
Description  Boost Controller for LED Backlight
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5861GS Datasheet(HTML) 6 Page - Leadtrend Technology

Back Button LD5861GS Datasheet HTML 2Page - Leadtrend Technology LD5861GS Datasheet HTML 3Page - Leadtrend Technology LD5861GS Datasheet HTML 4Page - Leadtrend Technology LD5861GS Datasheet HTML 5Page - Leadtrend Technology LD5861GS Datasheet HTML 6Page - Leadtrend Technology LD5861GS Datasheet HTML 7Page - Leadtrend Technology LD5861GS Datasheet HTML 8Page - Leadtrend Technology LD5861GS Datasheet HTML 9Page - Leadtrend Technology LD5861GS Datasheet HTML 10Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LD5861
6
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5861-DS-00
April 2013
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Over Voltage Protection
Over Voltage Threshold
OVP
2.43
2.5
2.57
V
LED Over Voltage Hysteresis
OVP Hysteresis
1
V
Output Short Circuit Protection
Output short Voltage Threshold
OSP
0.17
V
Over Temperature Protection
OTP Trip Point
150
°C
De-bounce Point
30
°C
Note 1:
DIM
LED current
Per channel
Shutdown
Shutdown-
0mA
ILED_full
Tdown
ton
toff
200ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com