Electronic Components Datasheet Search
  English  ▼

X  

LD5861GS Datasheet(PDF) 9 Page - Leadtrend Technology

Part # LD5861GS
Description  Boost Controller for LED Backlight
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5861GS Datasheet(HTML) 9 Page - Leadtrend Technology

Back Button LD5861GS Datasheet HTML 3Page - Leadtrend Technology LD5861GS Datasheet HTML 4Page - Leadtrend Technology LD5861GS Datasheet HTML 5Page - Leadtrend Technology LD5861GS Datasheet HTML 6Page - Leadtrend Technology LD5861GS Datasheet HTML 7Page - Leadtrend Technology LD5861GS Datasheet HTML 8Page - Leadtrend Technology LD5861GS Datasheet HTML 9Page - Leadtrend Technology LD5861GS Datasheet HTML 10Page - Leadtrend Technology LD5861GS Datasheet HTML 11Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LD5861
9
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5861-DS-00
April 2013
spikes below 275ns and the negative spike of the CS pin
below -0.5V.
However, the pulse width of the turn-on spike is
determined according to the output power, circuit design
and PCB layout.
It is strongly recommended to add a
smaller R-C filter for large power application to avoid CS
pin from being damaged by the negative turn-on spike.
CS
Removable if the negative
Spike is not over spec (-0.5V)
DRV
275ns
blanking
time
OCP
Signal
RCS
0.5V
Fig. 2
The VRCS need be checked again by below equation to
avoid the output power be limited by VCOMP_CLAMP.
V
5
.
3
)
R
I
3
(
)
Duty
3
.
1
(
5
.
1
CS
)
Peak
(
L
(%)
x3
Sense
Amplifier
EA
VSLOPE
VCOMP_clamp=3.5V
S
RCS
CS
COMP
FB
Thermal Protection
Thermal protection limits the whole power dissipation in
this device. When the junction temperature reaches 150°C
approximately, the thermal sensor will send the signal of
shutdown logic to turn off this device and resume the
operation
after the IC’s junction temperature cools by 30°
C
PCB Layout Guideline
It’s recommended to separate the high frequency
switching current from the low-level control signals in
layout. The high switching current (MOSFET, inductor,
gate driver and FB return ends) may disturb the other
low-level signals in the feedback loop and protection
circuitry. As a result, it may cause the control function to
behave abnormally. To avoid these side effects, a few
guidelines are recommended for the PCB layout as below.
1. Route the VIN bypass capacitor and the signal ground
close to the IC as possible. The traces between
capacitor and VIN pin should be short as possible to
avoid noise interference.
2. Use broader traces for VIN, VOUT and power ground.
Those components connected to VIN, VOUT and
power ground carry high input/output current, such as
power
MOSFET
and
decoupling
capacitors.
To
minimize power loss in these traces, the resistance of
traces should be kept as low as possible.
3. Use broader traces between power MOSFET drain,
inductor and diode since they often carry high current
in these traces. To minimize power loss in these traces,
the resistance of traces should be minimized as
possible.
4. Keep the gate drive traces short and broad around the
IC driver output, DRV pin, and the power MOSFET.
The driving traces have a high current spike during
inverter operation. To minimize power MOSFET
switching loss or oscillation voltage in the gate driver
signal, the drive traces should be as broad and short
as possible to minimize resistance and parasitic
inductance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com