Electronic Components Datasheet Search
  English  ▼

X  

LD6801 Datasheet(PDF) 4 Page - Leadtrend Technology

Part # LD6801
Description  LED Lighting Output Current Ripple Suppressor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD6801 Datasheet(HTML) 4 Page - Leadtrend Technology

  LD6801 Datasheet HTML 1Page - Leadtrend Technology LD6801 Datasheet HTML 2Page - Leadtrend Technology LD6801 Datasheet HTML 3Page - Leadtrend Technology LD6801 Datasheet HTML 4Page - Leadtrend Technology LD6801 Datasheet HTML 5Page - Leadtrend Technology LD6801 Datasheet HTML 6Page - Leadtrend Technology LD6801 Datasheet HTML 7Page - Leadtrend Technology LD6801 Datasheet HTML 8Page - Leadtrend Technology LD6801 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LD6801
07/28/2015
4
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD6801-DS-00 July 2016
Absolute Maximum Ratings
VIN, OVP
-0.3V ~ 30V
OCP, OUT
-0.3V ~ 18V
REF
-0.3V ~ 6V
Maximum Junction Temperature
150
C
Storage Temperature Range
-65
C ~ 150C
VIN Clamp Zener maximum current
2.4mA
Package Thermal Resistance (SOT-26,
JA)
200
C/W
Power Dissipation (SOT-26, Tj=125
oC, Ta=85
C)
200mW
Lead temperature (Soldering, 10sec)
260
C
ESD Voltage Protection, Human Body Model
2.5KV
ESD Voltage Protection, Machine Model
250 V
Caution:
Stress exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stress above Recommended Operating Conditions may affect
device reliability.
Recommended Operating Conditions
Item
Min.
Max.
Unit
Operating Junction Temperature
-40
125
C
VIN Operation Range
10
30
V
VIN Sink Current
0.5
2
mA
VIN pin Filter Capacitor
22
220
nF
REF pin Capacitor to GND
0.1
1
F
Note:
1.
It’s essential to connect VCC pin with a SMD ceramic capacitor (22nF~220
nF) to filter out the undesired
switching noise for stable operation. This capacitor should be placed close to IC pin as possible
2.
The input resistor is limit VIN sink current under 2mA.
3.
The REF pin capacitor should be placed close to IC pin as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com