Electronic Components Datasheet Search
  English  ▼

X  

LD6801 Datasheet(PDF) 1 Page - Leadtrend Technology

Part # LD6801
Description  LED Lighting Output Current Ripple Suppressor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD6801 Datasheet(HTML) 1 Page - Leadtrend Technology

  LD6801 Datasheet HTML 1Page - Leadtrend Technology LD6801 Datasheet HTML 2Page - Leadtrend Technology LD6801 Datasheet HTML 3Page - Leadtrend Technology LD6801 Datasheet HTML 4Page - Leadtrend Technology LD6801 Datasheet HTML 5Page - Leadtrend Technology LD6801 Datasheet HTML 6Page - Leadtrend Technology LD6801 Datasheet HTML 7Page - Leadtrend Technology LD6801 Datasheet HTML 8Page - Leadtrend Technology LD6801 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LD6801
07/28/2015
1
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD6801-DS-00 July 2016
LED Lighting Output Current Ripple Suppressor
REV. 00
General Description
The LD6801 is an output current ripple suppressor for
LED lighting. It supports easy use at output terminal with
isolation or non-isolation active PFC architecture with
constant current.
The LD6801 is easy to achieve current ripple limitation
with minimum output capacitance and built-in adjustable
over voltage protection/ multi-level over current protection
and internal clamp Zener diode could be used at wide
range LED voltage application. The device is the SOT-26
package to minimize the PCB size well as component
counts.
Features
Controller for adaptive 100Hz/120Hz current ripple
remover
Built-in Zener diode for input voltage clamping
10V Output Voltage for MOSFET control
Programmable amplitude of LED current ripple
Programmable maximum cathode voltage of LED
Programmable maximum LED current
Output Short protection
Over temperature protection
SOT23-6L Package
Applications
LED Driver Application for Non-Ripple Current
LED lighting
Typical Application
OUT
OVP
OCP
GND
REF
VIN
ROVP
CREF
RIN
CIN
LED Lighting
Driver
RK
ROCP
Q1
Rg
Cf


Similar Part No. - LD6801

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LD6805K NXP-LD6805K Datasheet
13Mb / 24P
DC/DC SWITCHING REGULATORS, LOW-VOLTAGE LDOS, MID-VOLTAGE LDOS
October 2012
LD6806 PHILIPS-LD6806 Datasheet
2Mb / 36P
Ultra low-dropout regulator, low noise, 200 mA
Rev. 3-9 December 2011
LD6806CX4 PHILIPS-LD6806CX4 Datasheet
2Mb / 36P
Ultra low-dropout regulator, low noise, 200 mA
Rev. 3-9 December 2011
LD6806CX4-14H NXP-LD6806CX4-14H Datasheet
13Mb / 24P
DC/DC SWITCHING REGULATORS, LOW-VOLTAGE LDOS, MID-VOLTAGE LDOS
October 2012
LD6806CX4-14P NXP-LD6806CX4-14P Datasheet
13Mb / 24P
DC/DC SWITCHING REGULATORS, LOW-VOLTAGE LDOS, MID-VOLTAGE LDOS
October 2012
More results

Similar Description - LD6801

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL5822 DIODES-AL5822 Datasheet
380Kb / 10P
ADAPTIVE 100Hz/120Hz LED CURRENT RIPPLE SUPPRESSOR
Rev 1
logo
Maxic Technology Corpor...
MT7636 MAXIC-MT7636 Datasheet
164Kb / 1P
LED Current Ripple Remover
MT7638 MAXIC-MT7638 Datasheet
113Kb / 1P
LED Current Ripple Remover
logo
Bright Power Semiconduc...
BP5609 BPS-BP5609 Datasheet
147Kb / 2P
LED CURRENT RIPPLE REMOVER
logo
Maxic Technology Corpor...
MT7641B MAXIC-MT7641B Datasheet
74Kb / 1P
LED Current Ripple Remover
MT7641C MAXIC-MT7641C Datasheet
75Kb / 1P
LED Current Ripple Remover
MT7641DR MAXIC-MT7641DR Datasheet
259Kb / 1P
LED Current Ripple Remover
MT7641F MAXIC-MT7641F Datasheet
75Kb / 1P
LED Current Ripple Remover
MT7642BE MAXIC-MT7642BE Datasheet
75Kb / 1P
LED Current Ripple Remover
MT7642CE MAXIC-MT7642CE Datasheet
74Kb / 1P
LED Current Ripple Remover
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com