Electronic Components Datasheet Search
  English  ▼

X  

LD7575GS Datasheet(PDF) 14 Page - Leadtrend Technology

Part # LD7575GS
Description  Green-Mode PWM Controller with High-Voltage Start-Up Circuit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7575GS Datasheet(HTML) 14 Page - Leadtrend Technology

Back Button LD7575GS Datasheet HTML 9Page - Leadtrend Technology LD7575GS Datasheet HTML 10Page - Leadtrend Technology LD7575GS Datasheet HTML 11Page - Leadtrend Technology LD7575GS Datasheet HTML 12Page - Leadtrend Technology LD7575GS Datasheet HTML 13Page - Leadtrend Technology LD7575GS Datasheet HTML 14Page - Leadtrend Technology LD7575GS Datasheet HTML 15Page - Leadtrend Technology LD7575GS Datasheet HTML 16Page - Leadtrend Technology LD7575GS Datasheet HTML 17Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
LD7575
14
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7575-DS-04b November 2009
BOM
P/N
Component Value
Original
R1A
N/A
R1B
N/A
R4A
39K
Ω, 1206
R4B
39K
Ω, 1206
R6
2.2
Ω, 1206
R7
10
Ω, 1206
R8
10K
Ω, 1206
R9
10K
Ω, 1206
RS1
2.7
Ω, 1206, 1%
RS2
2.7
Ω, 1206, 1%
RT
100K
Ω, 0805, 1%
R51A
100
Ω, 1206
R51B
100
Ω, 1206
R52
2.49K
Ω, 0805, 1%
R53
2.49K
Ω, 0805, 1%
R54
100
Ω, 0805
R55
1K
Ω, 0805
R56A
2.7K
Ω, 1206
R56B
N/A
NTC1
5
Ω, 3A
08SP005
FL1
20mH
UU9.8
T1
EI-22
L51
2.7
μH
P/N
Component Value
Note
C1
22
μF, 400V
L-tec
C2
22
μF, 50V
L-tec
C4
1000pF, 1000V, 1206
Holystone
C5
0.01
μF, 16V, 0805
C51
1000pF, 50V, 0805
C52
1000
μF, 10V
L-tec
C54
470
μF, 10V
L-tec
C55
0.022
μF, 16V, 0805
CX1
0.1
μF
X-cap
CY1
2200pF
Y-cap
D1A
1N4007
D1B
1N4007
D1C
1N4007
D1D
1N4007
D2
PS102R
D4
1N4007
Q1
2N60B
600V, 2A
CR51
SB540
ZD51
6V2C
IC1
LD7575PS
SOP-8
IC2
EL817B
IC51
TL431
1%
F1
250V, 1A
Z1
N/A
Package Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com