Electronic Components Datasheet Search
  English  ▼

X  

LD7575GS Datasheet(PDF) 17 Page - Leadtrend Technology

Part # LD7575GS
Description  Green-Mode PWM Controller with High-Voltage Start-Up Circuit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7575GS Datasheet(HTML) 17 Page - Leadtrend Technology

Back Button LD7575GS Datasheet HTML 9Page - Leadtrend Technology LD7575GS Datasheet HTML 10Page - Leadtrend Technology LD7575GS Datasheet HTML 11Page - Leadtrend Technology LD7575GS Datasheet HTML 12Page - Leadtrend Technology LD7575GS Datasheet HTML 13Page - Leadtrend Technology LD7575GS Datasheet HTML 14Page - Leadtrend Technology LD7575GS Datasheet HTML 15Page - Leadtrend Technology LD7575GS Datasheet HTML 16Page - Leadtrend Technology LD7575GS Datasheet HTML 17Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
LD7575
17
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7575-DS-04b November 2009
Revision History
Rev.
Date
Change Notice
00
07/21/’05
Original Specification.
01
07/28/’05
1.
Page 2, Remove the unexpected code “skype.lnk” before the “ordering information”.
2.
Page 4, Recommended operating condition, change the “min. supply voltage Vcc”
from 10V to 11V since the UVLO range is from 9V to 11V.
3.
Page 9, Add the gate resistor on figure 15 and figure 16 to avoid misunderstanding.
4.
Page 11, Add the description “Figure 17 shows its operation.” In the section of “OVP
on Vcc”.
5.
Page 13, Add “Vin=264Vac” on the title.
02
10/24/’05
1.
Add DIP-8 Package
a.
Page 1 --- modify the general description “The LD7575 is offered in both
SOP-8 and DIP-8 package.”.
b.
Page 2 --- Add DIP-8 data on the “pin configuration” and “ordering
information”.
c.
Page 4 --- Add DIP-8 data on the “absolute maximum rating”.
d.
Page 15 --- Add DIP-8 package drawing
2.
Add information of HV current limit resistor and gate-to-GND resistor
a.
Page 1, 8 (figure13), 9 (figure15,16), 12, 13 --- Update the drawing, BOM and
schematics for such resistors.
b.
Page 11, 12 --- Add the sections “Pull-Low Resistor on the Gate Pin of
MOSFET”, “Protection Resistor on the Hi-V Path” and figure 19~22.
c.
Page 4 --- Add negative voltage limitation of HV pin on the “absolute maximum
rating”.
3.
Correction on the block diagram
a.
Page 3 --- Add flip-flop on the OVP loop to be matched with the OVP operation
and add the anti-floating resistor on the output.
4.
Correction on the description of Over Load Protection (OLP)
a.
Page 10 --- Original description “Whenever….30mS (when switching
frequency is 100KHz)”. Where the “100KHz” should be corrected to “65KHz”.
03
11/28/’05
1.
Page3, Correction on the block diagram by modifying the AND gate (following the
PWM comparator) to OR gate.
2.
Page 5, Correction on the parameters on “Gate Drive Output” because LD7575 can
support to 500mA driving capability but the parameters in the previous datasheet are
for 300mA driving current. The output high level will be updated from min. 8V to min.
9V. The rising time will be updated from max. 200nS to max. 160nS. The falling time
will be updated from max. 100nS to max. 60nS. All these parameters are for
correction and no design change on the related circuits.
04
1/22/’07
Revision: Block Diagram
04a
6/16/08
1.
Application information/ Protection Resistor on the Hi-V Path/ ……a 40K
Ω resistor is
recommended to implement on…..
2.
Additional option for Green package
04b
6/30
Protection resistor on the Hi-V Path: …..a 40K
Ω resistor is recommended….
Continued…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com