Electronic Components Datasheet Search
  English  ▼

X  

LD7591 Datasheet(PDF) 1 Page - Leadtrend Technology

Part # LD7591
Description  Transition-Mode PFC Controller with Fault Condition Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7591 Datasheet(HTML) 1 Page - Leadtrend Technology

  LD7591 Datasheet HTML 1Page - Leadtrend Technology LD7591 Datasheet HTML 2Page - Leadtrend Technology LD7591 Datasheet HTML 3Page - Leadtrend Technology LD7591 Datasheet HTML 4Page - Leadtrend Technology LD7591 Datasheet HTML 5Page - Leadtrend Technology LD7591 Datasheet HTML 6Page - Leadtrend Technology LD7591 Datasheet HTML 7Page - Leadtrend Technology LD7591 Datasheet HTML 8Page - Leadtrend Technology LD7591 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LD7591
3/4/2010
1
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7591-DS-00 March 2010
Transition-Mode PFC Controller with Fault Condition Protection
REV. 00
General Description
The LD7591 is a voltage mode PFC controller operating on
transition mode, with several integrated functions of
protection, such as OVP, OCP, and Brown-in protection. It
reduces the components counts and is available in a
SOP-8 or DIP-8 package. Those make it an ideal design
for low cost applications.
It provides functions of low startup current, over voltage
protection, open feedback protection, disable function,
over current protection, under voltage lockout and
integrated LEB of current sensing. Unlike the traditional
current mode PFC controller, LD7591 is free from extra
rectified AC line voltage information to minimize the power
loss.
The LD7591 will be disabled if INV pin voltage falls below
0.45V and the operating current rises over 65μA
Typical Application for Boost PFC
Features
Transition mode of PFC pre-regulator
Voltage mode control
Programmable max. on-time
Low Startup Current (<30
μA)
UVLO (Under Voltage Lockout)
LEB (Leading-Edge Blanking) on CS Pin
Open-Feedback Protection and Disable Function
OVP (Over Voltage Protection)
OCP (Cycle by cycle current limiting)
800/-1200mA Driving Capability
Internal OTP function
Applications
Adaptor of Output above 65W.
Open Frame Switching Power Supply
LCD TV Power Supply
LED Power Supply
AC
Input
LD7591
8
5
3
7
4
6
GATE
CS
GND
ZCD
VCC
RAMP
EMI
Filter
1
INV
2
COMP


Similar Part No. - LD7591

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7592 LEADTREND-LD7592 Datasheet
764Kb / 15P
Transition-Mode PFC Controller with Fault Condition Protection
REV. 00
LD7592GN LEADTREND-LD7592GN Datasheet
764Kb / 15P
Transition-Mode PFC Controller with Fault Condition Protection
REV. 00
LD7592GS LEADTREND-LD7592GS Datasheet
764Kb / 15P
Transition-Mode PFC Controller with Fault Condition Protection
REV. 00
LD7592S LEADTREND-LD7592S Datasheet
841Kb / 16P
Transition-Mode PFC Controller with Fault Condition Protection
REV. 00
LD7592SGN LEADTREND-LD7592SGN Datasheet
841Kb / 16P
Transition-Mode PFC Controller with Fault Condition Protection
REV. 00
More results

Similar Description - LD7591

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6563 STMICROELECTRONICS-L6563_07 Datasheet
720Kb / 39P
Advanced transition-mode PFC controller
12-Mar-2007
L6562A_0708 STMICROELECTRONICS-L6562A_0708 Datasheet
547Kb / 26P
Transition-mode PFC controller
07-Aug-2007
logo
Texas Instruments
UCC28050 TI-UCC28050 Datasheet
692Kb / 30P
TRANSITION MODE PFC CONTROLLER
UCC28050 TI1-UCC28050_13 Datasheet
1Mb / 32P
TRANSITION MODE PFC CONTROLLER
logo
STMicroelectronics
L6562 STMICROELECTRONICS-L6562 Datasheet
249Kb / 16P
TRANSITION-MODE PFC CONTROLLER
Nov-2005
L6562AT STMICROELECTRONICS-L6562AT Datasheet
492Kb / 25P
Transition-mode PFC controller
04-Mar-2009
logo
ADTech
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
Transition Mode PFC controller
logo
Texas Instruments
UCC28050 TI-UCC28050_15 Datasheet
1Mb / 31P
TRANSITION MODE PFC CONTROLLER
logo
Diodes Incorporated
AL6562 DIODES-AL6562 Datasheet
800Kb / 16P
Transition Mode PFC LED Controller
Rev 2
AL6562A DIODES-AL6562A Datasheet
693Kb / 16P
Transition Mode PFC LED Controller
Rev 1-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com