Electronic Components Datasheet Search
  English  ▼

X  

LD7591 Datasheet(PDF) 11 Page - Leadtrend Technology

Part # LD7591
Description  Transition-Mode PFC Controller with Fault Condition Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7591 Datasheet(HTML) 11 Page - Leadtrend Technology

Back Button LD7591 Datasheet HTML 7Page - Leadtrend Technology LD7591 Datasheet HTML 8Page - Leadtrend Technology LD7591 Datasheet HTML 9Page - Leadtrend Technology LD7591 Datasheet HTML 10Page - Leadtrend Technology LD7591 Datasheet HTML 11Page - Leadtrend Technology LD7591 Datasheet HTML 12Page - Leadtrend Technology LD7591 Datasheet HTML 13Page - Leadtrend Technology LD7591 Datasheet HTML 14Page - Leadtrend Technology LD7591 Datasheet HTML 15Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LD7591
11
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7591-DS-00 March 2010
Where Ra and Rb are top and bottom feedback resistor
values (as shown in the Fig. 14).
Fig. 14
OVP and Disable on INV pin
To prevent the over voltage on the output capacitor from
the fault condition, LD7591 is implemented with an OVP
function on INV pin. Whenever the INV voltage is higher
than the OVP threshold voltage 2.675V, the output gate
drive circuit will be shutdown simultaneously thus to stop
the switching of the power MOSFET until the INV pin
down to 2.5V. The OVP function in LD7591 is an
auto-recovery type protection. The Fig. 15 shows its
operation. On the other hand, if the OVP condition is
removed, the Vcc level will get back to normal level and
the output will automatically return to the normal
operation.
The disable comparator disables the operation of the
LD7591 when the voltage of the inverting input is lower
than 0.35V and there is 100mV hysteresis. An external
small signal MOSFET can be used to disable the IC,
referring to Fig. 14. The IC operating current decreases
below 65μA to reduce power consumption if the IC is
disabled.
Fig. 15
Zero Current Detection (ZCD)
Fig. 16 shows typical ZCD-block. The Zero Current
Detection block will switch on the external MOSFET as
the current through the boost inductor drops to zero in
using an auxiliary winding coupled with the inductor. This
feature allows transition-mode operation. If the voltage of
the ZCD pin goes higher than 0.2V, the ZCD comparator
waits until the voltage rises above 0.1V. If the voltage
goes below 0.1V, the zero current detector will turn on the
MOSFET. The ZCD pin is protected internally by two
clamps, 6.0V-high clamp and -0.7V-low clamp. The
150
μs timer generates a MOSFET turn on signal if the
driver output has been low for more than 150
μs from the
falling edge of the driver output.
Fig. 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com