Electronic Components Datasheet Search
  English  ▼

X  

LD7831 Datasheet(PDF) 1 Page - Leadtrend Technology

Part # LD7831
Description  High Power Factor Primary Side Flyback LED Controller With HV Start-up
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7831 Datasheet(HTML) 1 Page - Leadtrend Technology

  LD7831 Datasheet HTML 1Page - Leadtrend Technology LD7831 Datasheet HTML 2Page - Leadtrend Technology LD7831 Datasheet HTML 3Page - Leadtrend Technology LD7831 Datasheet HTML 4Page - Leadtrend Technology LD7831 Datasheet HTML 5Page - Leadtrend Technology LD7831 Datasheet HTML 6Page - Leadtrend Technology LD7831 Datasheet HTML 7Page - Leadtrend Technology LD7831 Datasheet HTML 8Page - Leadtrend Technology LD7831 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LD7831
04/14/2014
1
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7831-DS-00 April 2014
High Power Factor Primary Side Flyback LED Controller
With HV Start-up
REV: 00
General Description
The LD7831 is a high power factor primary side Flyback
LED controller with HV start-up, specially designed for
LED lighting. The LD7831 provides constant current (CC)
operation requiring neither photo-coupler nor secondary
control circuit. It minimizes the components counts in a
SOP-7. Those make it easy to design for cost- effective
applications.
With HV start-up technology, high power factor and TM
control, the start-up time and resistor loss could be
minimized efficiently. The circuit can easily achieve
PF>0.90 to meet most of the international standard
requirements.
With completed protection built in this IC, such as over
voltage protection (OVP), over current protection (OCP)
and short circuit protection (SCP), the device is capable to
meet the safety requirements.
Features
High Voltage (700V) Startup Circuit
High Power Factor Flyback Primary Side PFC
Controller
High Efficiency Transition Mode Operation
28V VCC OVP (VCC Over Voltage Protection)
OCP (Cycle by Cycle Current Limiting)
SCP (Output Short Protection)
OTP (Over Temperature Protection)
CS Short Protection
Adjustable Output OVP
250/-500mA Driving Capability
Internal OTP Function
Applications
LED Power Supply
LED Light Bulb/Tube
Typical Application
AC
Input
LD7831
6
1
5
3
4
GND
ZCD
VCC
2
COMP
LED+
LED-
EMI
Filter
8
HV
6
1
5
3
4
GATE
CS
ZCD
VCC
2
EMI
Filter
8
HV
RC
RF
RS
RS,CP1
RS,CP2 (Option)
(Option)
RZ1
RZ2
Fig. 1 Application circuit


Similar Part No. - LD7831

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7830 LEADTREND-LD7830 Datasheet
495Kb / 18P
High Power Factor Flyback LED Controller with HV Start-up
LD7830GN LEADTREND-LD7830GN Datasheet
495Kb / 18P
High Power Factor Flyback LED Controller with HV Start-up
LD7830GR LEADTREND-LD7830GR Datasheet
495Kb / 18P
High Power Factor Flyback LED Controller with HV Start-up
LD7830GS LEADTREND-LD7830GS Datasheet
495Kb / 18P
High Power Factor Flyback LED Controller with HV Start-up
LD7832 LEADTREND-LD7832 Datasheet
514Kb / 16P
High Power Factor LED Controller with HV Start-up
More results

Similar Description - LD7831

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1751LT_1301 NXP-TEA1751LT_1301 Datasheet
277Kb / 31P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-9 January 2013
TEA1755T PHILIPS-TEA1755T Datasheet
949Kb / 35P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1-25 October 2012
TEA1753T PHILIPS-TEA1753T Datasheet
346Kb / 32P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-24 August 2012
logo
Leadtrend Technology
LD7830 LEADTREND-LD7830 Datasheet
495Kb / 18P
High Power Factor Flyback LED Controller with HV Start-up
LD7832 LEADTREND-LD7832 Datasheet
514Kb / 16P
High Power Factor LED Controller with HV Start-up
LD7832A LEADTREND-LD7832A Datasheet
514Kb / 16P
High Power Factor LED Controller with HV Start-up
LD7833V LEADTREND-LD7833V Datasheet
327Kb / 17P
High Power Factor Primary Side Flyback LED Controller With TRIAC Dimming
LD7838 LEADTREND-LD7838 Datasheet
571Kb / 15P
High Power Factor Flyback LED Controller with HV Start-up
logo
Princeton Technology Co...
RS2332 PTC-RS2332 Datasheet
264Kb / 4P
High-Voltage Start-Up Primary Side LED Controller with Active PFC
logo
NXP Semiconductors
TEA1755T NXP-TEA1755T_V01 Datasheet
331Kb / 35P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1.1-13 March 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com