Electronic Components Datasheet Search
  English  ▼

X  

LD7831 Datasheet(PDF) 10 Page - Leadtrend Technology

Part # LD7831
Description  High Power Factor Primary Side Flyback LED Controller With HV Start-up
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7831 Datasheet(HTML) 10 Page - Leadtrend Technology

Back Button LD7831 Datasheet HTML 6Page - Leadtrend Technology LD7831 Datasheet HTML 7Page - Leadtrend Technology LD7831 Datasheet HTML 8Page - Leadtrend Technology LD7831 Datasheet HTML 9Page - Leadtrend Technology LD7831 Datasheet HTML 10Page - Leadtrend Technology LD7831 Datasheet HTML 11Page - Leadtrend Technology LD7831 Datasheet HTML 12Page - Leadtrend Technology LD7831 Datasheet HTML 13Page - Leadtrend Technology LD7831 Datasheet HTML 14Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
LD7831
10
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7831-DS-00 April 2014
Vcc
UVLO(on)
UVLO(off)
t
t
HV Current
1.4mA
Startup Current
Vcc current
~ 0mA (off)
Operating Current
(Supply from Auxiliary Winding)
PDR
3mA
Regulator
Fig. 11
Ramp Generator Block and Zero Current
Detection (ZCD)
Fig. 12 shows typical ramp generator block and ZCD
block. The COMP pin voltage and the output of the ramp
generator
block
are
compared
to determine
the
MOSFET ON-time, as shown in Fig. 13.
A greater COMP voltage produces more ON-time. Using
an external resistor connected to ZCD pin to set the
desired slope of the internal ramp, the user may
program the maximum ON-time.
The setting for maximum ON-time will be achieved
according to the transformer, lowest AC line voltage,
and maximum output power. A choice of optimum
resistor value would result in best performance.
It will shut down the driving output if COMP pin voltage
falls below the threshold of zero ON-time. This
optimizes the efficiency in power saving in most
conditions.
The Zero Current Detection block will detect auxiliary
winding signal to drive MOSFET as ZCD pin voltage
drops to 0.3V. As ZCD pin voltage drops to 0.3V, the
current through the transformer is below zero. This
feature enables transition-mode operation. The ZCD
comparator would not operate if ZCD pin voltage
remains above 0.4V. Once it drops below 0.3V, the zero
current detector will activate to turn on the MOSFET.
PWM
Comparator
R
S
Q
OCP
ZCD
0.3V/0.4V
COMP
Start Timer
0.3V
Zero ON
Time
Zero ON Time
Ramp generator
0.85V
Comparator
Fmax limit
ZCD Blanking
ZCD
Turn-On
Turn-Off
RZ1
RZ2
Naux
Fig. 12
The 140
s timer generates a MOSFET turn-on signal if
the driver output drops to low level for more than 140
s
from the falling edge of the driver output. Fig. 13 shows
typical ZCD-related waveforms. Since ZCD pin carries
some capacitance, it produces some delay to the
turn-on time caused from Rz1. During delay time, the
junction capacitor of the MOSFET resonates with the
primary inductor of the transformer and the drain-source
voltage (VDS) decreases accordingly. So, the MOSFET
consumes less voltage to turn on and it therefore
minimizes the power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com