Electronic Components Datasheet Search
  English  ▼

X  

LD7833V Datasheet(PDF) 2 Page - Leadtrend Technology

Part # LD7833V
Description  High Power Factor Primary Side Flyback LED Controller With TRIAC Dimming
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7833V Datasheet(HTML) 2 Page - Leadtrend Technology

  LD7833V Datasheet HTML 1Page - Leadtrend Technology LD7833V Datasheet HTML 2Page - Leadtrend Technology LD7833V Datasheet HTML 3Page - Leadtrend Technology LD7833V Datasheet HTML 4Page - Leadtrend Technology LD7833V Datasheet HTML 5Page - Leadtrend Technology LD7833V Datasheet HTML 6Page - Leadtrend Technology LD7833V Datasheet HTML 7Page - Leadtrend Technology LD7833V Datasheet HTML 8Page - Leadtrend Technology LD7833V Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
LD7833V
01/20/2015
2
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7833V-DS-00 January 2015
Pin Configuration
 
YY:
Year code
WW:
Week code
PP:
Production code
Ordering Information
Part number
Package
Top Mark
Shipping
LD7833V GR
SOP-7
LD7833V GR
2500 /tape & reel
LD7833V GS
SOP-8
LD7833V GS
2500 /tape & reel
The LD7833V is ROHS compliant/Green packaged.
Pin Descriptions
Pin
NAME
FUNCTION
1
ZCD
Quasi resonance detector, which supports programmable phase
angel cut-off setting. This pin receives the auxiliary winding voltage
through a resister divider and detects the quasi resonance. It also
provides protection for over-voltage output.
2
COMP
Loop compensation pin, connect a capacitor with it to stabilize the
control loop.
3
CS
Current sense pin, connect it to sense the MOSFET current for CC
loop and OCP.
4
GND
Ground
5
OUT
Gate drive output to drive the external MOSFET
6
VCC
Power source VCC pin
7
NC
Not connected.
8
HV
Connect this pin to the positive of main bulk cap to provide the
startup current for controller and detects phase angle of TRIAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com