Electronic Components Datasheet Search
  English  ▼

X  

LD7833V Datasheet(PDF) 13 Page - Leadtrend Technology

Part # LD7833V
Description  High Power Factor Primary Side Flyback LED Controller With TRIAC Dimming
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7833V Datasheet(HTML) 13 Page - Leadtrend Technology

Back Button LD7833V Datasheet HTML 9Page - Leadtrend Technology LD7833V Datasheet HTML 10Page - Leadtrend Technology LD7833V Datasheet HTML 11Page - Leadtrend Technology LD7833V Datasheet HTML 12Page - Leadtrend Technology LD7833V Datasheet HTML 13Page - Leadtrend Technology LD7833V Datasheet HTML 14Page - Leadtrend Technology LD7833V Datasheet HTML 15Page - Leadtrend Technology LD7833V Datasheet HTML 16Page - Leadtrend Technology LD7833V Datasheet HTML 17Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
LD7833V
01/20/2015
13
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7833V-DS-00 January 2015
TRIAC Dimming Mode
Phase angle detection by HV pin
The HV pin can detects TRIAC phase by main bulk
capacitor and get PD signal in compare with VDC2L
through phase detector as shown in Fig. 19. The PD
signal controls OUT status according to the TRIAC
phase condition and determines the internal reference
for current control.
Fig. 19
Programmable
Phase
Angle
Cut-off
Function
To prevent shimmering in small conduction angle of
TRIAC, the LD7833V provides the function of phase
angle cut-off to force the LED load shut off before the
shimmer appears.
Fig. 20 shows the operation of the phase angle cut-off
function. If HV peak voltage descends to BNO level with
TRIAC dimming down, LD7833V will shut the gate off
until TRIAC dimming resumes to BNI level.
Fig. 20
The phase angle cut-off setting is adjustable with the
ZCD resistance, see Fig. 21. The ZCD resistance can
be obtained from below equation.
Z2
Z1
Z2
Z1
ZCD
R
R
R
R
R
Fig. 21
The following table is a suggestion for phase angle
cut-off setting. The cut phase angle corresponds to the
threshold of BNO/ BNI.
RZCD
Input
Angle
BNO/BNI
Suggestion
VDC2L
55.1k<RZCD
220VAC
40/ 55
255V/293V
58k
20V
38k<RZCD<42k
25/ 40
200V/255V
40k
25.7k<RZCD<28.3k
220VAC
Disable
27k
17.1k<RZCD<18.9k
110VAC
40/ 55
100V/128V
18k
10V
9.5k<RZCD<10.5k
25/ 40
66V/100V
10k
RZCD<6.3k
110VAC
Disable
6k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com