Electronic Components Datasheet Search
  English  ▼

X  

LD7890 Datasheet(PDF) 2 Page - Leadtrend Technology

Part # LD7890
Description  High Voltage 4-Channel LED Controller Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7890 Datasheet(HTML) 2 Page - Leadtrend Technology

  LD7890 Datasheet HTML 1Page - Leadtrend Technology LD7890 Datasheet HTML 2Page - Leadtrend Technology LD7890 Datasheet HTML 3Page - Leadtrend Technology LD7890 Datasheet HTML 4Page - Leadtrend Technology LD7890 Datasheet HTML 5Page - Leadtrend Technology LD7890 Datasheet HTML 6Page - Leadtrend Technology LD7890 Datasheet HTML 7Page - Leadtrend Technology LD7890 Datasheet HTML 8Page - Leadtrend Technology LD7890 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LD7890
2
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7890-DS-01 November, 2013
33uF
R1
R2
NMOS
EN
Cin
ADIM
0.2~1.2V
VIN
LD7890
10V
G4
G3
S4
S3
D4
D3
G3
S3
D3
G4
S4
D4
VIN
OVP
OVP2
5V
EN
G8
G7
S8
S7
D8
D7
G7
S7
D7
G8
S8
D8
Vout
Vout
G6
S6
D6
G5
D5
G6
S6
D6
Gate3
PARL
OVP
RT
CS
DRV
LOSC
Gate4
GND
DIM
STATUS
COMP
VIN
Gate2
Gate1
EN
Sense3
Sense4
Sense2
Sense1
FB3
FB4
FB2
FB1
LD7890
Gate3
PARL
OVP
RT
CS
DRV
LOSC
Gate4
GND
DIM
STATUS
COMP
VIN
Gate2
Gate1
EN
Sense3
Sense4
Sense2
Sense1
FB3
FB4
FB2
FB1
LOSC
LOSC
OVP2
ADIM
0.2~1.2V
R3
OVP
5V
Fig. 2
Application Circuit for PARL 8 Strings of LED Light Bar with Internal PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com