Electronic Components Datasheet Search
  English  ▼

X  

LD7890 Datasheet(PDF) 1 Page - Leadtrend Technology

Part # LD7890
Description  High Voltage 4-Channel LED Controller Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7890 Datasheet(HTML) 1 Page - Leadtrend Technology

  LD7890 Datasheet HTML 1Page - Leadtrend Technology LD7890 Datasheet HTML 2Page - Leadtrend Technology LD7890 Datasheet HTML 3Page - Leadtrend Technology LD7890 Datasheet HTML 4Page - Leadtrend Technology LD7890 Datasheet HTML 5Page - Leadtrend Technology LD7890 Datasheet HTML 6Page - Leadtrend Technology LD7890 Datasheet HTML 7Page - Leadtrend Technology LD7890 Datasheet HTML 8Page - Leadtrend Technology LD7890 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LD7890
11/5/2013
1
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7890-DS-01 November, 2013
High Voltage 4-Channel LED Controller Driver
REV: 01
General Description
The LD7890 is a 4-channel LED controller with a boost
switching controller
. It’s an ideal solution for driving high
power LED backlights. The LD7890 can deliver high
accuracy of constant current to 4 individual LED strings
with 4 External MOSFET without cross-reference.
The
LD7890
is
designed
for
Current-Mode
Boost
Controller, capable to operate over a wide range VIN from
9V to 28V and build in the High voltage MOSFET gate to
reduce external Power MOSFET thermal issue.
The other features include LED short and open protection,
cycle by cycle current limit, and thermal shutdown.
Features
Input Voltage range: 9V to 28V
4 Channel LED Controller
External and Internal PWM dimming control
LED short circuit protection
LED open string protection
Cycle-by-Cycle Current Limit
Over-temperature protection
Status output
Applications
LED TV Backlight
LED Monitor Backlight
LED Lighting
Typical Application
33uF
R1
R2
NMOS
Gate3
PARL
OVP
RT
EN
CS
DRV
LOSC
Gate4
GND
DIM
STATUS
COMP
VIN
Gate2
Gate1
Cin
EN
PWM
VIN
LD7890
10V
Sense3
Sense4
Sense2
Sense1
FB3
FB4
FB2
FB1
G4
G3
S4
S3
D4
D3
G3
S3
D3
G4
S4
D4
5V
OVP
OVP
Fig. 1
Application circuit for 4 strings of LED light bar with External PWM


Similar Part No. - LD7890

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LD780 LIGHTGRAPHIX-LD780 Datasheet
2Mb / 5P
FIXED COMPACT INTERIOR/EXTERIOR LED DOWNLIGHT
21 May 2026
LD780-E3-350 LIGHTGRAPHIX-LD780-E3-350 Datasheet
2Mb / 5P
FIXED COMPACT INTERIOR/EXTERIOR LED DOWNLIGHT
21 May 2026
LD780-E3-500 LIGHTGRAPHIX-LD780-E3-500 Datasheet
2Mb / 5P
FIXED COMPACT INTERIOR/EXTERIOR LED DOWNLIGHT
21 May 2026
LD780-F1-350 LIGHTGRAPHIX-LD780-F1-350 Datasheet
2Mb / 5P
FIXED COMPACT INTERIOR/EXTERIOR LED DOWNLIGHT
21 May 2026
LD780-F1-500 LIGHTGRAPHIX-LD780-F1-500 Datasheet
2Mb / 5P
FIXED COMPACT INTERIOR/EXTERIOR LED DOWNLIGHT
21 May 2026
More results

Similar Description - LD7890

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16814 MAXIM-MAX16814 Datasheet
2Mb / 25P
Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 2; 11/09
MAX16814 MAXIM-MAX16814_10 Datasheet
2Mb / 25P
Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 3; 2/10
MAX16814 MAXIM-MAX16814_11 Datasheet
2Mb / 25P
Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 5; 3/11
logo
Richtek Technology Corp...
RT8560 RICHTEK-RT8560 Datasheet
271Kb / 15P
High Voltage 4 Channel LED Driver
RT8577 RICHTEK-RT8577 Datasheet
263Kb / 12P
High Voltage 4-CH LED Driver
logo
Maxim Integrated Produc...
MAX16814 MAXIM-MAX16814_13 Datasheet
2Mb / 25P
Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 7; 1/13
logo
Richtek Technology Corp...
RT8489 RICHTEK-RT8489 Datasheet
310Kb / 16P
High Voltage 4-CH LED Driver Controller
logo
Global Mixed-mode Techn...
G5994 GMT-G5994 Datasheet
42Kb / 1P
4-Channels HB-LED Driver with High Voltage DC-DC Controller
logo
Maxim Integrated Produc...
MAX16814 MAXIM-MAX16814_15 Datasheet
1Mb / 25P
Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
Rev 10; 2/15
logo
Richtek Technology Corp...
RT8494 RICHTEK-RT8494 Datasheet
265Kb / 17P
High Voltage High Current LED Driver Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com