Electronic Components Datasheet Search
  English  ▼

X  

LD8115 Datasheet(PDF) 5 Page - Leadtrend Technology

Part # LD8115
Description  Secondary-side Dimmable Constant Current and Voltage Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8115 Datasheet(HTML) 5 Page - Leadtrend Technology

  LD8115 Datasheet HTML 1Page - Leadtrend Technology LD8115 Datasheet HTML 2Page - Leadtrend Technology LD8115 Datasheet HTML 3Page - Leadtrend Technology LD8115 Datasheet HTML 4Page - Leadtrend Technology LD8115 Datasheet HTML 5Page - Leadtrend Technology LD8115 Datasheet HTML 6Page - Leadtrend Technology LD8115 Datasheet HTML 7Page - Leadtrend Technology LD8115 Datasheet HTML 8Page - Leadtrend Technology LD8115 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LD8115
03/10/2017
5
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8115-DS-00 March 2017
Electrical Characteristics
(VCC=15V, TA = 25
C unless otherwise specified.)
PARAMETER
CONDITIONS
Symbol
MIN
TYP
MAX
UNITS
Supply Voltage (VCC Pin)
UVLO(OFF)
VCC_OFF
2.5
2.7
2.9
V
UVLO(ON)
VCC_ON
2.8
3.0
3.2
V
Operation Current
VISEN = VOVP=
5V,
VDCDIM = 0V , OUT Pull
Low
IVCC
350
500
A
Gate Drive Output (OUT Pin)
Output Low Level
@2mA sink current
VOUTL
200
400
mV
Internal Reference Voltage(VREF Pin)
Reference Voltage
Good TC
IREF 3mA
VREF
3.04
3.2
3.36
V
VREF Maximum Output
Current
(1)
IREF
5
10
mA
DC Dimming (DCDIM Pin)
Dimming off Threshold
OUT pin pull low
VDIM_OFF
0.09
0.1
0.11
V
Dimming off Hysteresis
(1)
100
mV
Maximum LED current
threshold at DIM pin
(1)
VOVP
=
0V,
VISEN
=200mV+/-4mV
VDIM_MAX
2.5
2.6
V
Internal Filter Resistance
RFILTER
1000
K
PWM Dimming (ADIM Pin)
DIM Selector
TADIM_OFF
20
60
mS
ADIM H/L
Threshold Voltage
ADIMH
2.6
V
ADIML
0.5
V
ADIM Input Resistor
RADIM
300
600
K
DCDIM Discharge Resistor
When ADIM signal from high to
low and TADIM_OFF > 60ms
RDCDIS
5
K
Current Control Loop (ISEN PIN)
Maximum LED Current Sense
Threshold Voltage
VOVP = 0V, DCDIM =2.6V
VISEN
196
200
204
mV
Current Loop Input Bias
Current
(1)
ICC_BIAS
20
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com