Electronic Components Datasheet Search
  English  ▼

X  

LD8115 Datasheet(PDF) 1 Page - Leadtrend Technology

Part # LD8115
Description  Secondary-side Dimmable Constant Current and Voltage Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8115 Datasheet(HTML) 1 Page - Leadtrend Technology

  LD8115 Datasheet HTML 1Page - Leadtrend Technology LD8115 Datasheet HTML 2Page - Leadtrend Technology LD8115 Datasheet HTML 3Page - Leadtrend Technology LD8115 Datasheet HTML 4Page - Leadtrend Technology LD8115 Datasheet HTML 5Page - Leadtrend Technology LD8115 Datasheet HTML 6Page - Leadtrend Technology LD8115 Datasheet HTML 7Page - Leadtrend Technology LD8115 Datasheet HTML 8Page - Leadtrend Technology LD8115 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LD8115
03/10/2017
1
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8115-DS-00 March 2017
Secondary-side Dimmable Constant Current
and Voltage Controller
REV: 00
General Description
The LD8115 is an isolation secondary LED constant
current and constant voltage controller, and provide the
secondary-side direct dimming interface by DC level and
PWM duty single for smart LED lighting application.
The device features include wide input voltage range from
3.6V to 38V, high-accuracy LED operation current and
output constant voltage.
The LD8115 is the SOP-8 package to minimize the PCB
size as well as component counts.
Features
Secondary-Side
Constant Current
and
Voltage
Feedback
High Accuracy 200mV of LED Current Threshold
Control
Precision 1.25V Voltage Reference
Low operation current ( < 0.5mA)
Wide VCC Operation Range 3.6~38V
Precision Secondary-side LED current Dimming with
Analog and PWM
-
Analog Dimming : 0.1V~2.5V
-
PWM: 100Hz~30kHz
Applications
LED Lighting Driver Application
Charger
Typical Application
ADIM
GND
LD8115
REF
OUT
VSEN
VCC
DCDIM
ISEN
PWM Duty
500Hz ~30KHz
ADIM
GND
LD8115
REF
OUT
VSEN
VCC
DCDIM
ISEN
DC Level
0.1V~2.5V
Fig. 1 Application circuit-PWM Dimming
Fig. 2 Application circuit- Analog Dimming


Similar Part No. - LD8115

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD8115A LEADTREND-LD8115A Datasheet
619Kb / 12P
Secondary-side Dimmable Constant Current and Voltage Controller
LD8115AGS LEADTREND-LD8115AGS Datasheet
619Kb / 12P
Secondary-side Dimmable Constant Current and Voltage Controller
More results

Similar Description - LD8115

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Diodes Incorporated
AP4312Q DIODES-AP4312Q Datasheet
562Kb / 11P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 4
logo
Richtek Technology Corp...
RT8457A RICHTEK-RT8457A Datasheet
141Kb / 11P
Isolated Secondary-Side LED Lighting Dimmable Current Controller
logo
ON Semiconductor
FAN6100HM ONSEMI-FAN6100HM Datasheet
1Mb / 22P
Secondary-Side Constant Voltage and Constant Curren Controller Compatible
March 2015 Rev. 1.0
FAN6100M ONSEMI-FAN6100M Datasheet
1Mb / 24P
Secondary-Side Constant Voltage and Constant Current Controller Compatible
March 2015 Rev. 1.1
FAN6100Q ONSEMI-FAN6100Q Datasheet
1Mb / 22P
Secondary-Side Constant Voltage and Constant Current Controller Compatible
March 2015 Rev. 1.2
logo
Taiwan Semiconductor Co...
TS19340CS14 TSC-TS19340CS14 Datasheet
450Kb / 9P
Secondary-Side Constant Current and Constant Voltage Controller with PWM / Linear Dimming
logo
Diodes Incorporated
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
AP4313 DIODES-AP4313 Datasheet
359Kb / 9P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
logo
Leadtrend Technology
LD8115A LEADTREND-LD8115A Datasheet
619Kb / 12P
Secondary-side Dimmable Constant Current and Voltage Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com