Electronic Components Datasheet Search
  English  ▼

X  

LD9852 Datasheet(PDF) 6 Page - Leadtrend Technology

Part # LD9852
Description  Non-isolation Buck Solution High Power Factor LED Controller with MOS Integrated
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD9852 Datasheet(HTML) 6 Page - Leadtrend Technology

Back Button LD9852 Datasheet HTML 2Page - Leadtrend Technology LD9852 Datasheet HTML 3Page - Leadtrend Technology LD9852 Datasheet HTML 4Page - Leadtrend Technology LD9852 Datasheet HTML 5Page - Leadtrend Technology LD9852 Datasheet HTML 6Page - Leadtrend Technology LD9852 Datasheet HTML 7Page - Leadtrend Technology LD9852 Datasheet HTML 8Page - Leadtrend Technology LD9852 Datasheet HTML 9Page - Leadtrend Technology LD9852 Datasheet HTML 10Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
LD9852
02/17/2015
6
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD9852-DS-00 February 2015
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Minimum (ON+OFF)-Time, FMAX
Minimum ON+OFF-Time
FS, MAX(150kHz)
TMIN
5.34
6.67
8
s
During Soft-Start
TMIN_SS
-
11
-
s
Time out
Time out Period during Soft
start
TOUT_SS
-
80
-
s
Time out Period
TOUT
115
160
205
s
OTP (Over Temp. Protection)
OTP Trip level
*
-
-
140
-
C
OTP Hysteresis
*
-
-
30
-
C
*: Guaranteed by design.
Electrical Characteristics for MOSFET
(VCC=20V, TA = 25
C unless otherwise specified.)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
Breakdown Voltage BVDSS
VCC=0V, COMP=0V,
ID=250A
BVDSS
-
-
600
V
Drain on Resistance
Drain to Source pin
On-Resistance
IDS=0.3A,TJ=25C
RDS_ON
-
4
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com