Electronic Components Datasheet Search
  English  ▼

X  

LD9852 Datasheet(PDF) 1 Page - Leadtrend Technology

Part # LD9852
Description  Non-isolation Buck Solution High Power Factor LED Controller with MOS Integrated
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD9852 Datasheet(HTML) 1 Page - Leadtrend Technology

  LD9852 Datasheet HTML 1Page - Leadtrend Technology LD9852 Datasheet HTML 2Page - Leadtrend Technology LD9852 Datasheet HTML 3Page - Leadtrend Technology LD9852 Datasheet HTML 4Page - Leadtrend Technology LD9852 Datasheet HTML 5Page - Leadtrend Technology LD9852 Datasheet HTML 6Page - Leadtrend Technology LD9852 Datasheet HTML 7Page - Leadtrend Technology LD9852 Datasheet HTML 8Page - Leadtrend Technology LD9852 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LD9852
02/17/2015
1
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD9852-DS-00 February 2015
Non-isolation Buck Solution
High Power Factor LED Controller with MOS Integrated
REV. 00
General Description
The LD9852 is a floating switch buck solution with Active
PFC (APFC) control for LED lighting. It is easy to design
with minimum cost and PCB size. The device operates in
transition mode (TM) and integrates with complete safety
requirement protections.
With power factor correction and TM control, the system is
enabled to achieve high PF and high efficiency and to
meet most of the international standard.
The LD9852 also features LED open protection (ZCD
OVP), LED short protection, over current protection (OCP),
and over temperature protection (OTP). It makes the
circuit designers easily to meet most of the safety
requirements in either normal or abnormal test.
Features
Built-in 600V MOSFET
High Power Factor Controller Integrated
High Efficiency Transition Mode Operation
Good Accurate Current Regulation
Wide Range of UVLO
Built in OVP on VCC pin
LED Open Protection
LED Short Protection
OCP (Cycle by cycle current limit)
OTP (Over Temperature Protection)
Applications
LED Lighting Application
Typical Application
GND
COMP
VCC
ZCD
Drain
EMI
Filter
AC
Input
LD9852
RUP
RDOWN
Source
RS


Similar Part No. - LD9852

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
LD90F7S-A SENSORTECHNICS-LD90F7S-A Datasheet
563Kb / 4P
Quantum Semiconductor International Co., Ltd.
logo
Leadtrend Technology
LD9162K LEADTREND-LD9162K Datasheet
1,002Kb / 17P
Primary Side Quasi-Resonant Controller with MOSFET Integrated
REV. 00
LD9162KGS LEADTREND-LD9162KGS Datasheet
1,002Kb / 17P
Primary Side Quasi-Resonant Controller with MOSFET Integrated
REV. 00
logo
LightGraphix
LD95 LIGHTGRAPHIX-LD95 Datasheet
1Mb / 3P
Miniature Floor or Ceiling Mounted Spotlight
11 April 2022
logo
Leadtrend Technology
LD9532 LEADTREND-LD9532 Datasheet
979Kb / 17P
Multi-Mode PWM Controller of Flyback with MOSFET Integrated
REV. 00
More results

Similar Description - LD9852

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5053 AD-ADP5053 Datasheet
1Mb / 37P
Integrated Power Solution with Quad Buck
Rev. B
logo
Holtek Semiconductor In...
HT7L4811 HOLTEK-HT7L4811 Datasheet
1Mb / 12P
Non-isolation Buck LED Lighting Driver with Active PFC
June 26, 2015
HT7L4813 HOLTEK-HT7L4813 Datasheet
2Mb / 10P
Non-isolation Buck LED Lighting Driver with Active PFC
June 26, 2015
HT7L4815 HOLTEK-HT7L4815 Datasheet
2Mb / 9P
Non-isolation Buck LED Lighting Driver with Active PFC
June 26, 2015
logo
Leadtrend Technology
LD7835 LEADTREND-LD7835 Datasheet
417Kb / 13P
Non-isolation Buck Solution High Power Factor LED Controller
logo
Shenzhen Tianyuan Semic...
TP8601 TPOWER-TP8601 Datasheet
568Kb / 6P
High power factor non-isolated buck LED constant current driver chip
TP8602 TPOWER-TP8602 Datasheet
606Kb / 6P
High power factor non-isolated buck LED driver chip with integrated power transistor
TP8602D TPOWER-TP8602D Datasheet
593Kb / 6P
High power factor non-isolated buck LED driver chip with integrated power transistor
TP8611 TPOWER-TP8611 Datasheet
625Kb / 7P
PWM dimming high power factor non-isolated buck LED driver chip
logo
JOULWATT
JW1792 JW-JW1792 Datasheet
157Kb / 1P
Integrated 500V MOS Non-isolated Buck LED Driver
Rev.0.92
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com