Electronic Components Datasheet Search
  English  ▼

X  

TL431 Datasheet(PDF) 6 Page - Hotchip Technology Co.,Ltd

Part # TL431
Description  Programmable output voltage to 36V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

TL431 Datasheet(HTML) 6 Page - Hotchip Technology Co.,Ltd

  TL431 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd TL431 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd TL431 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd TL431 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd TL431 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd TL431 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TL431(D)
High Accuracy Adjustable Shunt Regulator
第 6 页 共 6 页
Package Description
TO- 92 Package outline dimenesions
Symbol
Min
In millimeters
Max
Symbol
Min
Max
A
3.3
3.7
E
4.3
4.7
A1
1.4
1.4
e
1.27TYP
b
0.38
0.55
e1
2.44
2.64
c
0.36
0.51
L
14.1
14.5
D
4.4
4.7
θ
1.6
D1
3.43
h
0.000
0.38
SOT- 23 Package outline dimenesions
Symbol
In millimeters
Symbol
In millimeters
Min
Max
Min
Max
A
2.7
3.1
G
1.9REF
B
2.4
2.8
H
1.0
1.3
C
1.4
1.6
K
0.10
0.2
D
0.35
0.5
J
0.4
--
E
0
0.1
L
0.85
1.15
F
0.45
0.55
M
0°
10°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com