Electronic Components Datasheet Search
  English  ▼

X  

TL431 Datasheet(PDF) 2 Page - Hotchip Technology Co.,Ltd

Part # TL431
Description  Programmable output voltage to 36V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

TL431 Datasheet(HTML) 2 Page - Hotchip Technology Co.,Ltd

  TL431 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd TL431 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd TL431 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd TL431 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd TL431 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd TL431 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TL431(D)
High Accuracy Adjustable Shunt Regulator
第 2 页 共 6 页
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Value
Unit
Cathode voltage
VKA
40
V
Cathode current range (Continuous)
IK
100
mA
Reference input current range
IREF
0.05 ~ 10
mA
Power dissipation at 25℃:
TO – 92 Package (RJA = 178℃/W)
SOT – 23 Package (RJA = 625℃/W)
PD
0.7
0.2
W
W
Junction temperature range
TJ
0 ~ 150
℃
Operating temperature range
Tg
-40~+125
℃
Storage temperature range
Tstg
-65 ~ +150
℃
RECOMMENDED OPERATING CONDITIONS
C haracteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Cathode voltage
VKA
VREF
37
V
Cathode current
IKA
0.5
100
mA
TL431- 0.3% ELECTRICAL CHARACTERISTIC (TA=25℃,unless otherwise specified)
CHARACTERISTIC
SYMBOL
CIR-CUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reference input Voltage
VREF
1
VKA=VREF,IK=10mA
2.487V
2.495V
2.502V
Deviation of reference
Input voltage over
Full temperalure range
△
VREF/△T
1
VKA=VREF,IK=10mA
TA=Full Range
3
17
mV
Ratio of change in
reference Input voltage to
the change in cathod
voltage
△
VREF/△
VKA
2
IK=10
mA
△
VKA=10V-VREF
-1.4
-2.7
mV/V
△
VKA=36V-10V
-1
-2
Reference input current
IREF
2
IKA=10mA,R1=10KΩ,R2=∞
1.8
4
uA
Deviation of rerference
input Current Over Full
Temperature Range
△
IREF/△T
2
IK=10mA,R1=10KΩ,R2=∞
TA=Full Range
0.4
1.2
uA
Minimum Cathode Current
for regulation
IKAMIN
1
△
VKA=VREF
0.5
1
mA
Off-State Cathode Current
IKAOFF
3
VKA=36V,VREF=0
0.2
1
uA
Dynamic Impedance
ZKA
1
VKA=VREF,IK=1mA~100mA,
F≤1KHZ
0.2
0.5
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com