Electronic Components Datasheet Search
  English  ▼

X  

AM79231 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AM79231
Description  Intelligent Subscriber Line Interface Circuit (ISLIC)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79231 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AM79231 Datasheet HTML 1Page - List of Unclassifed Manufacturers AM79231 Datasheet HTML 2Page - List of Unclassifed Manufacturers AM79231 Datasheet HTML 3Page - List of Unclassifed Manufacturers AM79231 Datasheet HTML 4Page - List of Unclassifed Manufacturers AM79231 Datasheet HTML 5Page - List of Unclassifed Manufacturers AM79231 Datasheet HTML 6Page - List of Unclassifed Manufacturers AM79231 Datasheet HTML 7Page - List of Unclassifed Manufacturers AM79231 Datasheet HTML 8Page - List of Unclassifed Manufacturers AM79231 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Am79231 Data Sheet
3
The Am79231, in combination with an ISLAC
™ device, implements the telephone line interface
function. This enables the design of a low cost, high performance, fully software programmable line
interface for multiple country applications worldwide. All AC, DC, and signaling parameters are fully
programmable via microprocessor or GCI interfaces on the ISLAC device. Additionally, the Am79231
device has integrated self-test and line-test capabilities to resolve faults to the line or line circuit. The
integrated test capability is crucial for remote applications where dedicated test hardware is not cost
effective.
DISTINCTIVE CHARACTERISTICS OF THE
INTELLIGENT ACCESS
™ VOICE CHIPSET
 Performs all battery feed, ring-trip, signaling,
hybrid and test (BORSCHT) functions
 Two chip solution supports high density, multi-
channel architecture
 Single hardware design meets multiple country
requirements through software programming of:
— DC loop-feed characteristics and current-limit
— Loop-supervision detection thresholds
— Off-hook debounce circuit
— Ground-key and ring-trip filters
— Off-hook detect de-bounce interval
— Two-wire AC impedance
— Transhybrid balance
— Transmit and receive gains
— Equalization
— Digital I/O pins
— A-law/µ-law and linear selection
 Supports external battery-backed ringing
— Unbalanced ringing
— Ring relay driver
— Ring relay operation synchronized to zero cross-
ings of ringing voltage and current
— Integrated ring-trip filter and software enabled
manual or automatic ring-trip mode
 Supports metering generation with envelope
shaping
 Smooth or abrupt polarity reversal
 Adaptive transhybrid balance
— Continuous or adapt and freeze
 Supports both loop-start and ground-start
signaling
 Exceeds LSSGR and CCITT central office
requirements
 Selectable PCM or GCI interface
— Supports most available master clock frequen-
cies from 512 kHz to 8.192 MHz
 On-hook transmission
 Power/service denial mode
 Line-feed characteristics independent of battery
voltage
 Only 5 V, 3.3 V and battery supplies needed
 Low idle-power per line
 Linear power-feed with intelligent power-
management feature
 Compatible with inexpensive protection
networks; Accommodates low-tolerance fuse
resistors while maintaining longitudinal balance
 Monitors two-wire interface voltages and
currents for subscriber line diagnostics
 Built-in voice-path test modes
 Power-cross, fault, and foreign voltage detection
 Integrated line-test features
— Leakage
— Line and ringer capacitance
— Loop resistance
 Integrated self-test features
— Echo gain, distortion, and noise
 0 to 70°C commercial operation
—–40°C to 85°C extended temperature range
available
 Small physical size
 Up to three relay drivers per ISLIC™ device
— Configurable as test load switches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com