Electronic Components Datasheet Search
  English  ▼

X  

AM79231 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AM79231
Description  Intelligent Subscriber Line Interface Circuit (ISLIC)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79231 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AM79231 Datasheet HTML 1Page - List of Unclassifed Manufacturers AM79231 Datasheet HTML 2Page - List of Unclassifed Manufacturers AM79231 Datasheet HTML 3Page - List of Unclassifed Manufacturers AM79231 Datasheet HTML 4Page - List of Unclassifed Manufacturers AM79231 Datasheet HTML 5Page - List of Unclassifed Manufacturers AM79231 Datasheet HTML 6Page - List of Unclassifed Manufacturers AM79231 Datasheet HTML 7Page - List of Unclassifed Manufacturers AM79231 Datasheet HTML 8Page - List of Unclassifed Manufacturers AM79231 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Pub. # 080248
Rev: C
Amendment: /0
Issue Date: December 1999
Intelligent Access
ä Voice Solutions
DISTINCTIVE CHARACTERISTICS
 Monitor of two-wire interface voltages and
currents supports
— Voice transmission
— Programmable DC feed characteristics
— Independent of battery
— Current limited
— Selectable off-hook and ground-key thresholds
— Subscriber line diagnostics
— Leakage resistance
— Loop resistance
— Line capacitance
— Bell capacitance
— Foreign voltage sensing
— Power cross and fault detection
 +5 V and battery supplies
 Dual battery operation for system power saving
— Automatic battery switching
— Intelligent thermal management
 Compatible with inexpensive protection
networks
— Accommodates low tolerance fuse resistors or
PTC thermistors
 Metering capable
— 12 kHz and 16 kHz
— Smooth polarity reversal
 Tip-open state supports ground start signaling
 Ring relay driver for external ringing
 Integrated test load switches/relay drivers
BLOCK DIAGRAM
Two-Wire
Interface
AD
SA
BD
SB
HPB
HPA
TMN
TMP
VBL
VBH
R2
R3
RYE
R1
BGND
VCC
GND
LD
P3
P2
P1
IMT
ILG
VREF
VSAB
VLB
VTX
RSN
Signal
Transmission
Gain/Level Shift
Longitudinal
Control
Attenuator
Thermal
Management
Control
Fault
Meas.
Signal
Conditioning
Switch
Driver
Relay
Drivers
Relay
Driver 1
Input Decoder and
Control Registers
Relay Control
TMS
CREF
Am79231
Intelligent Subscriber Line Interface Circuit (ISLIC™)


Similar Part No. - AM79231

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM7920N ANALOGPOWER-AM7920N Datasheet
112Kb / 3P
Dual N-Channel 20-V (D-S) MOSFET
logo
List of Unclassifed Man...
AM79213 ETC1-AM79213 Datasheet
501Kb / 48P
Advanced Subscriber Line Interface Circuit (ASLIC) Device
logo
Analog Power
AM7922N ANALOGPOWER-AM7922N Datasheet
326Kb / 5P
Dual N-Channel 20-V (D-S) MOSFET
AM7924N ANALOGPOWER-AM7924N Datasheet
328Kb / 5P
Dual N-Channel 20-V (D-S) MOSFET
More results

Similar Description - AM79231

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
SUBSCRIBER LINE INTERFACE CIRCUIT
Dec-1997
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
Subscriber Line Interface Circuit
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
Subscriber Line Interface Circuit
logo
Advanced Micro Devices
AM79R251 AMD-AM79R251 Datasheet
317Kb / 27P
Intelligent Subscriber Line Interface Circuit (ISLIC)
logo
Ericsson
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com