Electronic Components Datasheet Search
  English  ▼

X  

TM1831 Datasheet(PDF) 1 Page - Shenzhen Putianhe Technology Co., Ltd

Part # TM1831
Description  6 channel LED drive IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTH [Shenzhen Putianhe Technology Co., Ltd]
Direct Link  http://www.szpth.com/
Logo PTH - Shenzhen Putianhe Technology Co., Ltd

TM1831 Datasheet(HTML) 1 Page - Shenzhen Putianhe Technology Co., Ltd

  TM1831 Datasheet HTML 1Page - Shenzhen Putianhe Technology Co., Ltd TM1831 Datasheet HTML 2Page - Shenzhen Putianhe Technology Co., Ltd TM1831 Datasheet HTML 3Page - Shenzhen Putianhe Technology Co., Ltd TM1831 Datasheet HTML 4Page - Shenzhen Putianhe Technology Co., Ltd TM1831 Datasheet HTML 5Page - Shenzhen Putianhe Technology Co., Ltd TM1831 Datasheet HTML 6Page - Shenzhen Putianhe Technology Co., Ltd TM1831 Datasheet HTML 7Page - Shenzhen Putianhe Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
6666 通道
通道
通道
通道 LED
LED
LED
LED 驱动
驱动
驱动
驱动 IC
IC
IC
IC
TM
TM
TM
TM1831
1831
1831
1831
www.szpth.com
V1.1
特性描述
特性描述
特性描述
特性描述
TM1831是内控式固定花样LED驱动IC,本产品内部自带振荡器,PWM输出进行辉度渐
变,6个输出端口 上电复位后,芯片立即工作,输出PWM占空比波形,无需单片机控制,
实现6通道的LED依次循环控制,实现水滴效果 芯片内部自带5V稳压管,外围器件简洁,
设计简单,本产品性能优良,质量可靠,适合装饰彩灯
功能特点
功能特点
功能特点
功能特点
采用高压功率CMOS工艺
6个OUT输出端口
OUT恒压输出,耐压24V
PWM辉度调节
内置振荡器,上电复位后芯片自动输出PWM
VDD典型工作电压 5.0V
封装形式 SOP8 DIP8
外部
外部
外部
外部应用
应用
应用
应用框图
框图
框图
框图
适用领域
户内 户外LED流星,水滴效果装饰
内部
内部
内部
内部结构
结构
结构
结构框
框
框
框图
图
图
图


Similar Part No. - TM1831

ManufacturerPart #DatasheetDescription
logo
Shenzhen Titan Micro El...
TM1831 TITAN-TM1831 Datasheet
697Kb / 6P
LED
More results

Similar Description - TM1831

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8033 FAIRCHILD-FAN8033 Datasheet
358Kb / 24P
6-Channel Motor Drive IC
KA3030D FAIRCHILD-KA3030D Datasheet
299Kb / 17P
6-Channel Motor Drive IC
KA3031 FAIRCHILD-KA3031 Datasheet
359Kb / 24P
6-Channel Motor Drive IC
FAN8008 FAIRCHILD-FAN8008 Datasheet
360Kb / 24P
6-Channel Motor Drive IC
logo
Shenzhen Putianhe Techn...
TM1816 PTH-TM1816 Datasheet
750Kb / 13P
6 constant flow drive IC
TM1821 PTH-TM1821 Datasheet
186Kb / 3P
4 channel LED drive control IC
TM1822 PTH-TM1822 Datasheet
179Kb / 3P
8 channel LED drive control IC
TM1823 PTH-TM1823 Datasheet
315Kb / 8P
16 - channel LED drive control IC
logo
Shenzhen Tianyuan Semic...
TP9920 TPOWER-TP9920 Datasheet
313Kb / 4P
LED drive control IC
logo
SHOUDING Shouding Semic...
SD3320 SHOUDING-SD3320 Datasheet
716Kb / 5P
LED drive control IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com