Electronic Components Datasheet Search
  English  ▼

X  

TM1906 Datasheet(PDF) 1 Page - Shenzhen Putianhe Technology Co., Ltd

Part # TM1906
Description  12 - channel LED constant current drive
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTH [Shenzhen Putianhe Technology Co., Ltd]
Direct Link  http://www.szpth.com/
Logo PTH - Shenzhen Putianhe Technology Co., Ltd

TM1906 Datasheet(HTML) 1 Page - Shenzhen Putianhe Technology Co., Ltd

  TM1906 Datasheet HTML 1Page - Shenzhen Putianhe Technology Co., Ltd TM1906 Datasheet HTML 2Page - Shenzhen Putianhe Technology Co., Ltd TM1906 Datasheet HTML 3Page - Shenzhen Putianhe Technology Co., Ltd TM1906 Datasheet HTML 4Page - Shenzhen Putianhe Technology Co., Ltd TM1906 Datasheet HTML 5Page - Shenzhen Putianhe Technology Co., Ltd TM1906 Datasheet HTML 6Page - Shenzhen Putianhe Technology Co., Ltd TM1906 Datasheet HTML 7Page - Shenzhen Putianhe Technology Co., Ltd TM1906 Datasheet HTML 8Page - Shenzhen Putianhe Technology Co., Ltd TM1906 Datasheet HTML 9Page - Shenzhen Putianhe Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
12
12
12
12 通道
通道
通道
通道 LED
LED
LED
LED 恒流驱动
恒流驱动
恒流驱动
恒流驱动 TM1
TM1
TM1
TM1906
906
906
906
www.szpth.c”’
特性描述
特性描述
特性描述
特性描述
TM1906是外控+内控模式的九通道LED 发光二极管 恒流驱动控制专用电路,内部
集成有MCU数字接口 数据锁存器 LED恒流驱动,PWM辉度控制等电路 芯片可通过
双端输入 DIN FDIN
单端输出 DO 数字接口级联,其中,FDIN为备用通讯线,
当DIN线路损坏时,芯片会自动切换到FDIN继续传输数据,外部控制器只需单线就可控制
该芯片和与其级联的后续芯片 TM1906 每个RGB输出端口的恒流值与PWM辉度都可通
过命令单独设置 VDD引脚内部集成5V稳压管,外围器件少 本产品性能优良 质量可
靠
功能特点
功能特点
功能特点
功能特点
采用功率CMOS工艺
OUT输出端口耐压24V
VDD内置5V稳压管,串接电阻后电压支持6~24V
双端输入,单端输出级联接口,备用输入端,提高数据传输可靠性
振荡方式 内置RC振荡并根据数据线上信号进行时钟同步,在接收完本单元的数据后
能自动将后续数据再生后通过数据输出端发送 下级,信号不随级联变远而出现失真
或衰减
内置上电复位电路,上电复位后内部寄存器默认清0
内控模式 七彩闪烁 ,5’S内输入端没有信号输入,自动切换到内控模式
PWM控制端能够实现256级调节,扫描频率7KHZ
恒流电流能够实现32级调节 10’A—41’A
当刷新速率为30帧/s时,级联数低速模式下不小于1024点,高速模式下不小于2048点
数据传输速率可达800Kbps与1.6Mbps两种模式
任意两点传输距离不少于30米
适用领域 点光源 护栏管 软灯条 户内 外大屏等
封装形式 SOP18 DIP18
外部
外部
外部
外部应用
应用
应用
应用框图
框图
框图
框图
控
器
TM1906
DIN
OUTB1
OUTR1
DO
IC1
DC
DC
DC
OUTG1
DI
VDD
GND
VCC
GND
VCC
DO
DO
NEXT DIN
RI
RO
104
104
DC
R
D1
DC
R
D1
R1
R2
R3
SET
OUTR4
OUTB4
DC
DC
DC
OUTG4
R10
R11
R12
TM1906
DIN
OUTB1
OUTR1
DO
IC2
DC
DC
DC
OUTG1
VDD
GND
R1
R2
R3
SET
OUTR4
OUTB4
DC
DC
DC
OUTG4
R10
R11
R12
FDIN
FDIN
NEXT FDIN


Similar Part No. - TM1906

ManufacturerPart #DatasheetDescription
logo
Shenzhen Putianhe Techn...
TM1903 PTH-TM1903 Datasheet
513Kb / 15P
3 - channel LED constant current drive
TM1905 PTH-TM1905 Datasheet
650Kb / 16P
9 channel LED constant current drive
logo
Shenzhen Titan Micro El...
TM1909 TITAN-TM1909 Datasheet
276Kb / 9P
LED
More results

Similar Description - TM1906

ManufacturerPart #DatasheetDescription
logo
Rohm
BD18377EFV-M ROHM-BD18377EFV-M Datasheet
888Kb / 32P
12 Channel Constant Current LED Driver IC
logo
Linkage Goston Electron...
SM2082C LINKAGE-SM2082C Datasheet
4Mb / 12P
Single channel LED constant current drive control chip
logo
Shenzhen Putianhe Techn...
TM1818 PTH-TM1818 Datasheet
432Kb / 11P
16 channel LED constant current drive
TM1825 PTH-TM1825 Datasheet
665Kb / 16P
9 channel LED constant current drive
TM1826 PTH-TM1826 Datasheet
597Kb / 16P
12 - channel LED constant current drive
TM1829 PTH-TM1829 Datasheet
529Kb / 16P
3 - channel LED constant current drive
TM1903 PTH-TM1903 Datasheet
513Kb / 15P
3 - channel LED constant current drive
TM1905 PTH-TM1905 Datasheet
650Kb / 16P
9 channel LED constant current drive
logo
Linkage Goston Electron...
SM1506 LINKAGE-SM1506 Datasheet
1Mb / 6P
Constant current LED drive chip
SM1533E LINKAGE-SM1533E Datasheet
1Mb / 7P
Constant current LED drive chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com