Electronic Components Datasheet Search
  English  ▼

X  

5KP Datasheet(PDF) 3 Page - Anova Technologies CO., LTD.

Part # 5KP
Description  Axial Lead Transient Voltage Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANOVA [Anova Technologies CO., LTD.]
Direct Link  https://www.anova-semi.com/index_en.php
Logo ANOVA - Anova Technologies CO., LTD.

5KP Datasheet(HTML) 3 Page - Anova Technologies CO., LTD.

  5KP Datasheet HTML 1Page - Anova Technologies CO., LTD. 5KP Datasheet HTML 2Page - Anova Technologies CO., LTD. 5KP Datasheet HTML 3Page - Anova Technologies CO., LTD. 5KP Datasheet HTML 4Page - Anova Technologies CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5KP Series
www.anova-semi.com
Revision: G
Jul-27-2018
P. 3
Min (V) Max (V) IT (mA)
5KP5.0A
5KP5.0CA
6.40
7.00
50
5000
5
543.48
9.2
5KP6.0A
5KP6.0CA
6.67
7.37
50
5000
6
485.44
10.3
5KP6.5A
5KP6.5CA
7.22
7.98
50
2000
7
446.43
11.2
5KP7.0A
5KP7.0CA
7.78
8.60
50
1000
7
416.67
12.0
5KP7.5A
5KP7.5CA
8.33
9.21
5
250
8
387.60
12.9
5KP8.0A
5KP8.0CA
8.89
9.83
5
150
8
367.65
13.6
5KP8.5A
5KP8.5CA
9.44
10.4
5
50
9
347.22
14.4
5KP9.0A
5KP9.0CA
10.00
11.1
5
20
9
324.68
15.4
5KP10A
5KP10CA
11.10
12.3
5
15
10
294.12
17.0
5KP11A
5KP11CA
12.20
13.5
5
2
11
274.73
18.2
5KP12A
5KP12CA
13.30
14.7
5
2
12
251.26
19.9
5KP13A
5KP13CA
14.40
15.9
5
2
13
232.56
21.5
5KP14A
5KP14CA
15.60
17.2
5
2
14
215.52
23.2
5KP15A
5KP15CA
16.70
18.5
5
2
15
204.92
24.4
5KP16A
5KP16CA
17.80
19.7
5
2
16
192.31
26.0
5KP17A
5KP17CA
18.90
20.9
5
2
17
181.16
27.6
5KP18A
5KP18CA
20.00
22.1
5
2
18
171.23
29.2
5KP19A
5KP19CA
21.10
23.3
5
2
19
162.44
30.8
5KP20A
5KP20CA
22.20
24.5
5
2
20
154.32
32.4
5KP22A
5KP22CA
24.40
26.9
5
2
22
140.85
35.5
5KP24A
5KP24CA
26.70
29.5
5
2
24
128.53
38.9
5KP26A
5KP26CA
28.90
31.9
5
2
26
118.76
42.1
5KP28A
5KP28CA
31.10
34.4
5
2
28
110.13
45.4
5KP30A
5KP30CA
33.30
36.8
5
2
30
103.31
48.4
5KP33A
5KP33CA
36.70
40.6
5
2
33
93.81
53.3
5KP36A
5KP36CA
40.00
44.2
5
2
36
86.06
58.1
5KP40A
5KP40CA
44.40
49.1
5
2
40
77.52
64.5
5KP43A
5KP43CA
47.80
52.8
5
2
43
72.05
69.4
5KP45A
5KP45CA
50.00
55.3
5
2
45
68.78
72.7
5KP48A
5KP48CA
53.30
58.9
5
2
48
64.60
77.4
5KP51A
5KP51CA
56.70
62.7
5
2
51
60.68
82.4
5KP54A
5KP54CA
60.00
66.3
5
2
54
57.41
87.1
5KP58A
5KP58CA
64.40
71.2
5
2
58
53.42
93.6
5KP60A
5KP60CA
66.70
73.7
5
2
60
51.65
96.8
5KP64A
5KP64CA
71.10
78.6
5
2
64
48.54
103.0
5KP70A
5KP70CA
77.80
86.0
5
2
70
44.25
113.0
5KP75A
5KP75CA
83.30
92.1
5
2
75
41.32
121.0
5KP78A
5KP78CA
86.70
95.8
5
2
78
39.68
126.0
5KP80A
5KP80CA
88.80
97.6
5
2
80
38.58
129.6
5KP85A
5KP85CA
94.40
104.0
5
2
85
36.50
137.0
5KP90A
5KP90CA
100.00
111.0
5
2
90
34.25
146.0
5KP100A
5KP100CA
111.00
123.0
5
2
100
30.86
162.0
5KP110A
5KP110CA
122.00
135.0
5
2
110
28.25
177.0
5KP120A
5KP120CA
133.00
147.0
5
2
120
25.91
193.0
5KP130A
5KP130CA
144.00
159.0
5
2
130
23.92
209.0
5KP140A
5KP140CA
155.00
171.0
5
2
140
22.05
226.8
5KP150A
5KP150CA
167.00
185.0
5
2
150
20.58
243.0
Electrical Characteristics(TA=25℃ unless otherwise noted)
Part Number
(Uni)
Part Number
(Bi)
Breakdown Voltage VBR @IT
Maximum
Reverse
Leakage IR
@VRWM
(uA)
Working
Peak Reverse
Voltage
VRWM
(V)
Maximum
Reverse
Surge
Current IPP
(A)
Maximum
Clamping
Voltage VC
@IPP
(V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com