Electronic Components Datasheet Search
  English  ▼

X  

5KP Datasheet(PDF) 4 Page - Anova Technologies CO., LTD.

Part # 5KP
Description  Axial Lead Transient Voltage Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANOVA [Anova Technologies CO., LTD.]
Direct Link  https://www.anova-semi.com/index_en.php
Logo ANOVA - Anova Technologies CO., LTD.

5KP Datasheet(HTML) 4 Page - Anova Technologies CO., LTD.

  5KP Datasheet HTML 1Page - Anova Technologies CO., LTD. 5KP Datasheet HTML 2Page - Anova Technologies CO., LTD. 5KP Datasheet HTML 3Page - Anova Technologies CO., LTD. 5KP Datasheet HTML 4Page - Anova Technologies CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
5KP Series
www.anova-semi.com
Revision: G
Jul-27-2018
P. 4
Min (V) Max (V) IT (mA)
5KP160A
5KP160CA
178.00
197.0
5
2
160
19.31
259.0
5KP170A
5KP170CA
189.00
209.0
5
2
170
18.18
275.0
5KP180A
5KP180CA
200.00
220.0
5
2
180
17.15
291.6
5KP190A
5KP190CA
211.00
232.0
5
2
190
16.24
307.8
5KP200A
5KP200CA
224.00
247.0
5
2
200
15.43
324.0
5KP210A
5KP210CA
233.00
258.0
5
2
210
14.31
349.5
5KP220A
5KP220CA
246.00
272.0
5
2
220
14.04
356.0
5KP250A
5KP250CA
279.00
309.0
5
2
250
12.35
405.0
5KP300A
5KP300CA
335.00
371.0
5
2
300
10.29
486.0
5KP350A
5KP350CA
391.00
432.0
5
2
350
8.82
567.0
5KP400A
5KP400CA
447.00
494.0
5
2
400
7.72
648.0
5KP440A
5KP440CA
492.00
543.0
5
2
440
7.01
713.0
Note:
1. Suffix 'A ' denotes 5% tolerance device.
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double
Electrical Characteristics(TA=25℃ unless otherwise noted)
Part Number
(Uni)
Part Number
(Bi)
Breakdown Voltage VBR @IT
Maximum
Reverse
Leakage IR
@VRWM
(uA)
Working
Peak Reverse
Voltage
VRWM
(V)
Maximum
Reverse
Surge
Current IPP
(A)
Maximum
Clamping
Voltage VC
@IPP
(V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com