Electronic Components Datasheet Search
  English  ▼

X  

MSM6691 Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM6691
Description  DRAM Interface IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6691 Datasheet(HTML) 5 Page - OKI electronic componets

  MSM6691 Datasheet HTML 1Page - OKI electronic componets MSM6691 Datasheet HTML 2Page - OKI electronic componets MSM6691 Datasheet HTML 3Page - OKI electronic componets MSM6691 Datasheet HTML 4Page - OKI electronic componets MSM6691 Datasheet HTML 5Page - OKI electronic componets MSM6691 Datasheet HTML 6Page - OKI electronic componets MSM6691 Datasheet HTML 7Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
¡ Semiconductor
MSM6691
5
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Power Supply Voltage
V DD
–0.5 to +7
V
Input Voltage
V I
–0.5 to VDD+0.5
V
Output Voltage
V O
–0.5 to VDD+0.5
V
Input Current
I I
–10 to +10
mA
Output Current
I O
–20 to +20
mA
Storage Temperature
T STG
–65 to +150
°C
—
Ta=25°C
Standard is
GND=0V
RECOMMENDED OPERATING CONDITIONS
Parameter
Range
Symbol
Unit
Power Supply Voltage
4.5 to +5.5
VDD
V
–40 to +85
TOP
°C
8
fOSC
MHz
Operating Temperature
Oscillation Frequency
(GND=0V)
ELECTRICAL CHARACTERISTICS
DC Characteristics
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
H Level Input Voltage
V IH
—
3.5
—
V DD+0.3
V
L Level Input Voltage
V IL
—
–0.3
—
1.5
V
H Level Input Current
I IH
VIH=VDD
—
0.01
10
mA
L Level Input Current
I IL
VIL=GND
–10
–0.01
—
mA
Tri-state Output Leak Current
(Including open drain output)
IOZH
VOH=VDD
—
0.01
10
mA
H Level Output Voltage
V OH
IOH=–5.0mA
2.4
4.20
V DD
V
L Level Output Voltage
V OL
IOL=+5.0mA
GND
0.24
0.5
V
IOZL
VOL=GND
–10
–0.01
—
Operating Current Consumption
I DD
Output Open VIH=VDD
fOSC=8MHz VIL=GND
—
—
3
mA
(Ta=–40 to +85°C, VDD=5V 10%, GND=0V)
+
–
*1 Standard when VDD=5.0V, Ta=25°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com