Electronic Components Datasheet Search
  English  ▼

X  

MSM6691 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM6691
Description  DRAM Interface IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6691 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM6691 Datasheet HTML 1Page - OKI electronic componets MSM6691 Datasheet HTML 2Page - OKI electronic componets MSM6691 Datasheet HTML 3Page - OKI electronic componets MSM6691 Datasheet HTML 4Page - OKI electronic componets MSM6691 Datasheet HTML 5Page - OKI electronic componets MSM6691 Datasheet HTML 6Page - OKI electronic componets MSM6691 Datasheet HTML 7Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
¡ Semiconductor
MSM6691
5
GENERAL DESCRIPTION
DRAMs can be used for voice storage by connecting the MSM6691 with OKI's integrate R/W
(Read/Write) ICs, the MSM6388, and the MSM6588. The MSM6691 translates the signals
associated with the dedicated serial register interface of the MSM6388 and MSM6588 driver
interface when used in a stand-alone mode.
FEATURES
• DRAM (¥ 1-bit configuration)
• 1-Mbit DRAM (M 51100A, M511001A) : Four units can be used.
• 4-Mbit DRAM (M 514100A, M514101A) : Four units can be used.
• Power voltage : 5V single
• Built-in refresh circuit (RAS only refresh)
• Oscillation frequency : 8MHz (during refresh)
• Sampling frequency
• 4 kHz to 32 kHz when MSM6388 is connected.
• 4 kHz to 16 kHz when MSM6588 is connected.
• Package : 44-pin plastic QFP (QFP44-P-910-2K) (Product name : MSM6691GS-2K)
¡ Semiconductor
MSM6691
DRAM Interface IC


Similar Part No. - MSM6691

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6690 OKI-MSM6690 Datasheet
182Kb / 8P
ROM Interface IC
MSM6698 OKI-MSM6698 Datasheet
93Kb / 8P
80-DOT COMMON DRIVER
More results

Similar Description - MSM6691

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6690 OKI-MSM6690 Datasheet
182Kb / 8P
ROM Interface IC
MSM6791 OKI-MSM6791 Datasheet
197Kb / 10P
DRAM Interface IC
logo
NXP Semiconductors
TDA8002 PHILIPS-TDA8002 Datasheet
132Kb / 28P
IC card interface
1997 Nov 04
TDA8002C PHILIPS-TDA8002C Datasheet
139Kb / 28P
IC card interface
1999 Oct 12
logo
Sony Corporation
CXD3508ATQ SONY-CXD3508ATQ Datasheet
254Kb / 18P
LCD Interface IC
CXD3508TQ SONY-CXD3508TQ Datasheet
258Kb / 18P
LCD Interface IC
logo
NXP Semiconductors
TDA8025 PHILIPS-TDA8025 Datasheet
178Kb / 38P
IC card interface
Rev. 01-6 April 2009
TDA8024 NXP-TDA8024 Datasheet
181Kb / 29P
IC card interface
2004 July 12
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0872-000E AVAGO-HCPL-0872-000E Datasheet
212Kb / 12P
Digital Interface IC
logo
ARTSCHIP ELECTRONICS CO...
TDA8024 ARTSCHIP-TDA8024 Datasheet
3Mb / 25P
IC card interface
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com