Electronic Components Datasheet Search
  English  ▼

X  

K-LC4 Datasheet(PDF) 1 Page - RFbeam Microwave GmbH

Part # K-LC4
Description  radar transceiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-LC4 Datasheet(HTML) 1 Page - RFbeam Microwave GmbH

  K-LC4 Datasheet HTML 1Page - RFbeam Microwave GmbH K-LC4 Datasheet HTML 2Page - RFbeam Microwave GmbH K-LC4 Datasheet HTML 3Page - RFbeam Microwave GmbH K-LC4 Datasheet HTML 4Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©
RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-LC4 | data sheet
01/2018 – Revision A | Page 1/4
– 24 GHz K-band miniature transceiver
– Dual 1 patch circular polarized antenna
– Dual balanced mixer with 50 MHz bandwidth
– Excellent noise cancelling ability through I/Q technology
– Wide beam aperture 138°/132°
– 10 dBm EIRP output power
– 25 × 25 mm² surface, < 6 mm thickness
– Low cost design
– Direction sensitive movement detectors
– Security systems
– Simple ranging detection using FSK
– Ceiling and wall mount surveillance system
– Industrial sensors
K-LC4 is a 2 patch Doppler module with a nearly symmetrical wide
beam for low cost short distance applications.
Typical applications are movement sensors for security, lighting and
building automation applications. This module may be an alternative
or a complementary sensor for infrared PIR or AIR systems thanks
to its outstanding performance/cost ratio.
The module is extremely small and lightweight. With an IF band-
width from DC to 50 MHz it opens many new applications.
The unique RFbeam circular polarized antenna form allows much
wider acquisition fields than the traditional linear polarized patch
antenna.
A powerful starterkit with signal conditioning and visualization is
available from RFbeam. Find more informations on www.rfbeam.ch.
Features
Applications
Description
data sheet
K-LC4
radar transceiver
Figure 1: K-LC4 block diagram
VCO 24 GHz
FM Input
I
Q
Rx
Tx
K-LC4
φ 90°
VCO 24 GHz
Block Diagram


Similar Part No. - K-LC4

ManufacturerPart #DatasheetDescription
logo
RFbeam Microwave GmbH
K-LC1A RFBEAM-K-LC1A Datasheet
444Kb / 6P
RADAR TRANSCEIVER
K-LC1a RFBEAM-K-LC1a Datasheet
653Kb / 2P
Radar Evaluation Kit
K-LC1A_V2 RFBEAM-K-LC1A_V2 Datasheet
444Kb / 6P
RADAR TRANSCEIVER
K-LC1A_V4 RFBEAM-K-LC1A_V4 Datasheet
440Kb / 5P
DOPPLER TRANSCEIVER
K-LC1A_V4 RFBEAM-K-LC1A_V4 Datasheet
444Kb / 6P
RADAR TRANSCEIVER
More results

Similar Description - K-LC4

ManufacturerPart #DatasheetDescription
logo
RFbeam Microwave GmbH
K-HC1 RFBEAM-K-HC1 Datasheet
997Kb / 8P
RADAR TRANSCEIVER
K-LC1A RFBEAM-K-LC1A Datasheet
444Kb / 6P
RADAR TRANSCEIVER
K-LC5_V3 RFBEAM-K-LC5_V3 Datasheet
307Kb / 5P
RADAR TRANSCEIVER
K-LC6 RFBEAM-K-LC6 Datasheet
335Kb / 6P
RADAR TRANSCEIVER
K-LD2 RFBEAM-K-LD2 Datasheet
1Mb / 20P
radar transceiver
K-LD2-EVAL RFBEAM-K-LD2-EVAL Datasheet
1Mb / 13P
radar transceiver
K-MC3 RFBEAM-K-MC3 Datasheet
1Mb / 8P
RADAR TRANSCEIVER
K-LC3_V2 RFBEAM-K-LC3_V2 Datasheet
440Kb / 4P
RADAR TRANSCEIVER
K-LC3 RFBEAM-K-LC3 Datasheet
440Kb / 4P
RADAR TRANSCEIVER
K-LC2 RFBEAM-K-LC2 Datasheet
592Kb / 5P
RADAR TRANSCEIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com