Electronic Components Datasheet Search
  English  ▼

X  

K-LC4 Datasheet(PDF) 2 Page - RFbeam Microwave GmbH

Part # K-LC4
Description  radar transceiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-LC4 Datasheet(HTML) 2 Page - RFbeam Microwave GmbH

  K-LC4 Datasheet HTML 1Page - RFbeam Microwave GmbH K-LC4 Datasheet HTML 2Page - RFbeam Microwave GmbH K-LC4 Datasheet HTML 3Page - RFbeam Microwave GmbH K-LC4 Datasheet HTML 4Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©
RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-LC4 | data sheet
01/2018 – Revision A | Page 2/4
Characteristics
Parameter
Conditions / Notes
Symbol
Min
Typ
Max Unit
Operating Conditions
Supply voltage
VCC
4.75
5
5.25
V
Supply current
ICC
35
45
mA
VCO input voltage
UVCO
-0.5
2.0
V
VCO pin resistance
Driving voltage source Note 1
RVCO
570
Ω
Operating temperature
Top
-20
+85
°C
Storage temperature
Tst
-20
+105
°C
Transmitter
Transmitter frequency
Tamb = -20 °C .. +60 °C
fTX
24.05
24.125
24.25
GHz
Frequency drift vs temperature
VCC = 5.0 V, -20 °C .. +85 °C Note 2
∆ fTX
-0.9
MHz/°C
Frequency tuning range
∆ fVCO
140
MHz
VCO sensitivity
SVCO
-55
MHz/V
VCO Modulation Bandwidth
∆f = 20 MHz
BVCO
3
MHz
Output power
EIRP
PTX
+7
+10
+13
dBm
Spurious emission
According to ETSI 300 440
Pspur
-30
dBm
Turn-on time
Until oscillator stable, ∆fTX < 5 MHz
ton
1
µs
Receiver
Mixer Conversion loss
fIF = 1 kHz, IF load = 1 kΩ
Dmixer1
-6
dB
fIF = 20 MHz, IF load = 50 Ω
Dmixer2
-11
dB
Antenna Gain
FTX = 24.125 GHz Note 3
GAnt
4.8
dB
Receiver sensitivity
fIF = 500 Hz, B = 1 kHz, RIF = 1 kΩ, S/N = 6 dB
PRX1
-93
dBm
fIF = 1 MHz, B = 20 MHz, RIF = 50 Ω, S/N = 6 dB
PRX1
-81
dBm
Overall sensitivity
fIF = 500 Hz, B = 1 kHz, RIF = 1 kΩ, S/N=6 dB
Dsystem
-103
dBc
IF output
IF resistance
RIF
50
Ω
IF frequency range
-3dB Bandwidth, IF load = 50 Ω
fIF
0
50
MHz
IF noise power
fIF = 500 Hz, IF load = 50 Ω
PIFnoise1
-134
dBm/Hz
fIF = 1M Hz, IF load = 50 Ω
PIFnoise2
-164
dBm/Hz
IF noise voltage
fIF = 500 Hz, IF load = 1 kΩ
UIFnoise1
-147
dBV/Hz
fIF = 500 Hz, IF load = 1 kΩ
UIFnoise1
45
nV/√Hz
IF output offset voltage
no object in range
UIF
-200
200
mV
I/Q amplitude balance
fIF = 500 Hz, UIF = 1 mVpp
∆ UIF
3
dB
I/Q phase shift
fIF = 1Hz–20 kHz
φ
80
90
100
°
Supply rejection
Rejection supply pins to IF output
Dsupply
26
dB
Antenna
Antenna type
Right hand circular polarized
RHCP
Horizontal -3 dB beamwidth
E-Plane
Wφ
138
°
Vertical -3 dB beamwidth
H-Plane
Wφ
132
°
Horiz. sidelobe suppression
Dφ
-12
dB
Vertical sidelobe suppression
Dφ
-12
dB
Body
Outline Dimensions
25 × 25 × 6
mm3
Weight
4.5
g
Connector
5 pin single row jumper
Note 1
The VCO input has an internal voltage source with approx. 0.9VDC. For driving this pin it is necessary to source and sink current
Note 2
Transmit frequency stays within 24.050 to 24.250GHz over the specified temperature range
Note 3
Theoretical value, given by Design



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com