Electronic Components Datasheet Search
  English  ▼

X  

UM607 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # UM607
Description  15 Watt DC-DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UM607 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  UM607 Datasheet HTML 1Page - List of Unclassifed Manufacturers UM607 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INPUT CURRENT
MODEL
NUMBER
INPUT
VOLTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
NO LOAD
FULL LOAD
%
EFF
CASE
UM601
UM602
UM603
UM604
UM605
UM606
UM607
UM608
12 VDC
5 VDC
12 VDC
15 VDC
± 12 VDC
± 15 VDC
5/±12 VDC
5/±15 VDC
+5/+12/-5 VDC
3000 mA
1250 mA
1000 mA
± 625 mA
± 500 mA
1500/±310 mA
1500/±250 mA
1500/+310/500 mA
30 mA
30 mA
30 mA
35 mA
35 mA
40 mA
40 mA
40 mA
1700 mA
1600 mA
1600 mA
1520 mA
1520 mA
1600 mA
1600 mA
1470 mA
75
78
78
82
82
78
78
78
E
UM611
UM612
UM613
UM614
UM615
UM616
UM617
UM618
24 VDC
5 VDC
12 VDC
15 VDC
± 12 VDC
± 15 VDC
5/±12 VDC
5/±15 VDC
+5/+12/-5 VDC
3000 mA
1250 mA
1000 mA
± 625 mA
± 500 mA
1500/±310 mA
1500/±250 mA
1500/+310/500 mA
20 mA
20 mA
20 mA
30 mA
30 mA
30 mA
30 mA
30 mA
810 mA
780 mA
780 mA
750 mA
750 mA
780 mA
780 mA
815 mA
77
80
80
84
84
80
80
80
E
UM621
UM622
UM623
UM624
UM625
UM626
UM627
UM628
48 VDC
5 VDC
12 VDC
15 VDC
± 12 VDC
± 15 VDC
5/±12 VDC
5/±15 VDC
+5/+12/-5 VDC
3000 mA
1250 mA
1000 mA
± 625 mA
± 500 mA
1500/±310 mA
1500/±250 mA
1500/+310/500 mA
20 mA
20 mA
20 mA
25 mA
25 mA
20 mA
20 mA
20 mA
410 mA
390 mA
390 mA
375 mA
375 mA
380 mA
380 mA
350 mA
77
80
80
84
84
82
82
82
E
CASE E
All dimensions in inches(mm).
Tolerance .xx =± 0.04
.xxx =± 0.010
NOTES:
1. Maximum total power from all
outputs is limited to 15 watts but
no output should be allowed to
exceed its maximum current.
2. Minimum current on each
output is required to maintain
specified regulation.
PIN CONNECTIONS
Pin
Single
Dual
Triple
1
2
3
4
5
6
7
+Input
-Input
No Pin
Output Trim
No Pin
+Output
-Output
+Input
-Input
+Output
Common
-Output
No Pin
No Pin
+Input
-Input
+Output
Common
-Output
+5V Output
No Pin
8
Remote On/Off Control
TRIPLE OUTPUT LOADING TABLE1
Amperes
Output
Voltage
Min2
Nom.
Max.
1
2 & 3
2 & 3
2 & 3
+5
+12 or –12
+15 or –15
+12 or –5
.250
.100
.100
.100/.100
1.5
.310
.250
.310/.500
2.0
.500
.500
.500/.500
UNIVERSAL
MICROELECTRONICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com