Electronic Components Datasheet Search
  English  ▼

X  

UM607 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # UM607
Description  15 Watt DC-DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UM607 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UM607 Datasheet HTML 1Page - List of Unclassifed Manufacturers UM607 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UM600 SERIES
15 Watt DC-DC Converters
♦
2:1 Input Range
♦
15W Isolated Output
♦
Efficiency to 84%
♦
Remote On/Off Control
♦
100 KHz Switching Frequency
♦
Six-Sided Shield
SPECIFICATIONS
All specifications are typical at nominal line, full load and
25°C unless otherwise noted.
INPUT SPECIFICATIONS
Input Voltage Range, 12V.………………..……..……..9-18V
24V.…………………………...18-36V
48V..…………………………..36-72V
Input Filter…………………………………….…....Pi Network
Reverse Voltage Protection
1……….…..Internal Shunt Diode
Use External Fuse
OUTPUT SPECIFICATIONS
Voltage Accuracy, Single Output ……………..…... ±1% max.
Dual +Output .…………...….... ±1% max.
-Output .………...……... ±3% max.
Triple, 5V ……….…..………... ±2% max.
±12V/15V ……..…..….... ±3% max.
Voltage Balance, Dual Output at Full Load .…... ±1.0% max.
Transient Response
Single, 25% Step Load Change .………………. <500
µsec.
Dual,FL-1/2L,±1% Error Band …..………….... <500
µsec.
External Trim Adj. Range .……………………………... ±10%
Ripple and Noise, 20MHz BW ……………. 10mV RMS max.
75mV P-P max.
Temperature Coefficient .…….………….….. ±0.02%°C max.
Short Circuit Protection .…………………….…... Continuous.
Overvoltage Protection, 5V ……………………………... 6.8V
12V ….………...………….…….. 15V
15V ………………...……………. 18V
Line Regulation
2, Single/Dual Output ………….. ±0.2% max.
Triple Output .……….…..…….. ±1% max.
Load Regulation
3,Single/Dual Output .……….….. ±1% max.
Triple Output ……………………. ±5% max.
GENERAL SPECIFICATIONS
Efficiency ……………………….………………….. See Table
Isolation Voltage .……………….…………….. 500 VDC min.
Isolation Resistance .………….…………..…. 10
8 Ohms min.
Switching Frequency .………….…………………….. 100KHz
Case Grounding .……………….. Capacity Coupled to Input
Operating Temperature Range
Ambient, None Derating ……..…………..... -25°C to +71°C
Cooling .……….……………………….. Free Air Convection
Storage Temperature Range .……………... -55°C to+105°C
EMI/RFI ……………………..... Six-Sided Continuous Shield.
Dimensions ………………………..... 2.56 * 3.0 * 0.83 inches
(65 * 76.2 * 21.1mm)
Case Material ………………….... Black-Coated Copper with
Non-Conductive Base
Weight …………………..……………………………....... 180g
NOTES:
1. Determine the correct fuse size by calculating the
maximum DC current drain at low line input, maximum
load and then adding 20% to 25% to get the desired
fuse size.
2. Measured from high line to low line.
3. Measured from full load to 1/4 full load.
REMOTE ON/OFF CONTROL
Logic Compatibility…………………………………….
…….……………………CMOS or Open Collector TTL
Ec-ON,…………………….>+5.5 VDC or Open Circuit
Ec-OFF,……………………………….……..<1.8VDC
Shutdown Idle Current……………….……...…..10mA
Control Common………...Referenced to Input Minus


Similar Part No. - UM607

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UM607 UTC-UM607 Datasheet
167Kb / 6P
CC, CV CONTROL FOR BATTERY CHARGER AND CHARGER AND
UM607 UTC-UM607 Datasheet
146Kb / 6P
CC, CV CONTROL FOR BATTERY CHARGER AND ADAPTOR
UM607XG-AG6-R UTC-UM607XG-AG6-R Datasheet
167Kb / 6P
CC, CV CONTROL FOR BATTERY CHARGER AND CHARGER AND
UM607XG-AG6-R UTC-UM607XG-AG6-R Datasheet
180Kb / 6P
BATTERY CHARGER AND ADAPTOR
UM607XL-AG6-R UTC-UM607XL-AG6-R Datasheet
167Kb / 6P
CC, CV CONTROL FOR BATTERY CHARGER AND CHARGER AND
More results

Similar Description - UM607

ManufacturerPart #DatasheetDescription
logo
Power-One
IMS15 POWER-ONE-IMS15 Datasheet
151Kb / 4P
15 Watt DC-DC Converters
IMX15-25 POWER-ONE-IMX15-25 Datasheet
132Kb / 4P
15 Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
15 Watt DC-DC Converters
logo
AIMTEC
AM15E AIMTEC-AM15E Datasheet
267Kb / 3P
15 watt dc-dc converters
AM15E-C AIMTEC-AM15E-C Datasheet
288Kb / 2P
15 watt dc-dc converters
AM15EW-C AIMTEC-AM15EW-C Datasheet
288Kb / 2P
15 watt dc-dc converters
logo
Intronics Power, Inc.
DC700 INTRONICS-DC700 Datasheet
347Kb / 2P
15-75 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
LANCUW15 WALL-LANCUW15 Datasheet
177Kb / 5P
15 Watt DC/DC Power Converters
LANCW15 WALL-LANCW15 Datasheet
250Kb / 5P
15 Watt DC/DC Power Converters
logo
Bel Fuse Inc.
IMX15 BEL-IMX15 Datasheet
1Mb / 19P
15 Watt DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com